Electronic Components Datasheet Search
  English  ▼

X  

BLF175 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # BLF175
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF175 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 91Page - NXP Semiconductors BLF175 Datasheet HTML 92Page - NXP Semiconductors BLF175 Datasheet HTML 93Page - NXP Semiconductors BLF175 Datasheet HTML 94Page - NXP Semiconductors BLF175 Datasheet HTML 95Page - NXP Semiconductors BLF175 Datasheet HTML 96Page - NXP Semiconductors BLF175 Datasheet HTML 97Page - NXP Semiconductors BLF175 Datasheet HTML 98Page - NXP Semiconductors BLF175 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 130 page
background image
96
NXP Semiconductors RF Manual 16th edition
3.7.1.2
1.4 - 1.7 GHz line-up
Test signal performance
Type
Product
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
Matching
VDS
(V)
P
L
(W)
BO
(dB)
η
D
(%)
G
p
(dB)
Test signal
Package
BLF6G21-10G
Driver
1
2200
10
-
28
0.7
11.5
15
18.5
2-c WCDMA
SOT538A
BLP7G22-10
700
2200
10
-
28
2
7.0
26
17
2-c WCDMA
SOT1179
BLF6G15L-40BRN
Driver/final
1450
1550
40
I/O
28
2.5
12.0
13
22
2-c WCDMA
SOT1112A
BLF6G15L(S)-40RN*
1450
1550
40
I/O
28
2.5
12.0
13
21.5
2-c WCDMA
SOT1135
BLF7G15LS-200
Final
1450
1550
200
I/O
28
50
6.0
29
19.5
2-c WCDMA
SOT502B
BLF6G15L-250PBRN
1450
1550
250
I/O
28
60
6.2
33
18.5
2-c WCDMA
SOT1110A
BLF7G15LS-300P
1450
1550
300
I/O
28
85
5.5
31
18
2-c WCDMA
SOT539B
3.7.1.3
1.8 - 2.0 GHz line-up
Test signal performance
Type
Product
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
Matching
VDS
(V)
P
L
(W)
BO
(dB)
η
D
(%)
G
p
(dB)
Test signal
Package
BLF6G21-10G
Driver
1
2200
10
-
28
0.7
11.5
15
18.5
2-c WCDMA
SOT538A
BLP7G22-10
700
2200
10
-
28
2
7.0
26
17
2-c WCDMA
SOT1179
BLF6G20(S)-45
Driver/final
1800
2000
45
I/O
28
2.5
12.6
14
19.2
2-c WCDMA
SOT608
BLF7G20L(S)-90P
Final
1427
2170
90
I/O
28
40
3.5
41
19.5
GSM EDGE
SOT1121
BLF6G20(LS)-75
1800
2000
75
I/O
28
29.5
4.1
37.5
19
GSM EDGE
SOT502
BLF6G20(LS)-110
1800
2000
110
I/O
28
25
6.4
32
19
2-c WCDMA
SOT502
BLF6G20LS-140
1800
2000
140
I/O
28
35.5
6.0
30
16.5
2-c WCDMA
SOT502B
BLF7G20LS-140P
1800
2000
140
I/O
28
60
3.7
41
17.5
GSM EDGE
SOT1121B
BLF6G20(LS)-180RN
1800
2000
180
I/O
30
40
6.5
27
17.2
2-c WCDMA
SOT502
BLF8G20L(S)-200V*
1800
2000
200
I/O
28
55
5.6
33
17.5
2-c WCDMA
SOT1120
BLF6G20S-230PRN
1800
2000
230
I/O
28
65
5.5
32
17.5
2-c WCDMA
SOT539B
BLF7G20LS-260A*
1800
1900
260
I/O
28
50
7.2
44
15.5
2-c WCDMA
SOT539B
BLF8G20LS-270GV*
1800
2000
270
I/O
28
50
7.3
25
17.8
2-c WCDMA
SOT1244C
BLF8G20LS-270PGV*
1800
2000
270
I/O
28
56
6.8
28
19.4
2-c WCDMA
SOT1242C
BLF7G20L(S)-200
1805
1990
200
I/O
28
55
5.6
33
18
2-c WCDMA
SOT502
BLF7G20L(S)-250P
1805
1880
250
I/O
28
70
5.5
35
18
2-c WCDMA
SOT539
BLD6G21L(S)-50
Integrated
Doherty
2010
2025
50
O
28
8
8.0
43
14.5
TD-SCDMA
SOT1130
3.7.1.4
2.0 - 2.2 GHz line-up
Test signal performance
Type
Product
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
Matching
VDS
(V)
P
L
(W)
BO
(dB)
η
D
(%)
G
p
(dB)
Test signal
Package
BLF6G21-10G
Driver
1
2200
10
-
28
0.7
11.5
15
18.5
2-c WCDMA
SOT538A
BLP7G22-10*
700
2200
10
-
28
2
7.0
26
17
2-c WCDMA
SOT1179
BLF3G21-6
1800
2200
6
-
26
6
0.0
39
15.5
CW
SOT538A
BLF3G21-30
1800
2200
30
-
26
30
0.0
35
13.5
CW
SOT467C
BLF6G22L(S)-40P
Driver/final
2110
2170
40
I/O
28
13.5
4.7
30
19
2-c WCDMA
SOT1121
BLF6G22L-40BN
2000
2200
40
I/O
28
2.5
12.0
16
19
2-c WCDMA
SOT1112A
BLF6G22(S)-45
2000
2200
45
I/O
28
2.5
12.6
13
18.5
2-c WCDMA
SOT608
BLM6G22-30(G)
MMIC
2100
2200
30
I/O
28
2
11.8
9
29.5
2-c WCDMA
SOT822
BLM7G22S-60PB(G)*
2000
2200
60
I/O
28
3.2
12.7
10
30
2-c WCDMA
SOT1212
BLF7G21LS-160
Final
1800
2050
160
I/O
28
45
5.5
34
18
2-c WCDMA
SOT1121B
BLF7G21L(S)-160P
1800
2050
160
I/O
28
45
5.5
34
18
2-c WCDMA
SOT1121
BLF6G22LS-75
2000
2200
75
I/O
28
17
6.4
30.5
18.7
2-c WCDMA
SOT502B
BLF6G22LS-100
2000
2200
100
I/O
28
25
6.0
29
18.5
2-c WCDMA
SOT502B
BLF7G22L(S)-100P
2000
2200
100
I/O
28
20
7.0
28.5
19.1
2-c WCDMA
SOT1121B
BLF6G22LS-130
2000
2200
130
I/O
28
30
6.4
28.5
17
2-c WCDMA
SOT502B
BLF7G22L(S)-130
2000
2200
130
I/O
28
30
6.4
32
18.5
2-c WCDMA
SOT502
BLF7G22L(S)-160
2000
2200
160
I/O
28
43
5.7
30
18
2-c WCDMA
SOT502B
BLF8G22LS-160BV*
2000
2200
160
I/O
32
55
4.6
30
18.5
2-c WCDMA
SOT1120B
BLF6G22(LS)-180PN
2000
2200
180
I/O
32
50
5.6
27.5
17.5
2-c WCDMA
SOT539
BLF6G22(LS)-180RN
2000
2200
180
I/O
30
40
6.5
25
16
2-c WCDMA
SOT502
BLF8G22LS-200GV*
2000
2200
200
I/O
28
48
6.2
28
20.2
2-c WCDMA
SOT1244C
BLF8G22LS-270GV*
2000
2200
270
I/O
28
50
7.3
26
17.8
2-c WCDMA
SOT1244C
BLF8G22LS-400PGV*
2000
2200
400
I/O
28
50
9.0
26
18
2-c WCDMA
SOT1242C
BLF7G22L(S)-200
2110
2170
200
I/O
28
55
5.6
31
18.5
2-c WCDMA
SOT502
BLF7G22L(S)-250P
2110
2170
250
I/O
28
70
5.5
31
18.5
2-c WCDMA
SOT539
BLD6G22L(S)-50
Integrated
Doherty
2110
2170
50
I/O
28
8
8.0
40
14
TD-SCDMA
SOT1130
3.7.1.5
2.3 - 2.4 GHz line-up
Test signal performance
Type
Product
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
Matching
VDS
(V)
P
L
(W)
BO
(dB)
η
D
(%)
G
p
(dB)
Test signal
Package
BLF6G27-10(G)
Driver
2300
2700
10
I
28
2
7.0
20
19
N-CDMA/IS95
SOT975
BLF7G24L(S)-100
Final
2300
2400
100
I/O
28
20
7.0
27
18
N-CDMA/IS95
SOT502
BLF7G24L(S)-140
2300
2400
140
I/O
28
30
6.7
26.5
18.5
N-CDMA/IS95
SOT502
BLF7G24L(S)-160P*
2300
2400
160
I/O
28
30
7.3
27.5
18.5
N-CDMA/IS95
SOT539
BLF8G24L(S)-200P*
2300
2400
200
I/O
28
60
5.2
30
16.5
1-c WCDMA
SOT539
Bold red = new, highly recommended product
* Check status in section 3.1, as this type is not yet released for mass production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com