Electronic Components Datasheet Search
  English  ▼

X  

BLF175 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # BLF175
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF175 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 53Page - NXP Semiconductors BLF175 Datasheet HTML 54Page - NXP Semiconductors BLF175 Datasheet HTML 55Page - NXP Semiconductors BLF175 Datasheet HTML 56Page - NXP Semiconductors BLF175 Datasheet HTML 57Page - NXP Semiconductors BLF175 Datasheet HTML 58Page - NXP Semiconductors BLF175 Datasheet HTML 59Page - NXP Semiconductors BLF175 Datasheet HTML 60Page - NXP Semiconductors BLF175 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 130 page
background image
58
NXP Semiconductors RF Manual 16th edition
2.3.3
VSAT,2-waycommunicationviasatellite
Design a Ku-/ Ka-band VSAT transceiver that meets IESS-308
with NXP's Ku-/ Ka-band RF LO generators
The TFF100xHN family are Ku-band RF PLLs, with integrated VCO intended for low phase-noise local-
oscillator (LO) circuits in Ku- & Ka-band VSAT transmitters and transceivers. Manufactured in a high-
performance SiGe:C process, these devices deliver extremely low phase noise and comply with the IESS-308
from Intelsat.
Features
` Phase noise compliant with IESS-308 (Intelsat)
` Differential input and output
` Divider settings at 16, 32, 64, 128, or 256
` Lock-detect output
` SiGe:C technology (120 GHz f
T process)
` HVQFN24 (SOT616-1) package
Applications
` VSAT block upconverters
` VSAT down conversion
` Local oscillator signal generation
VSAT networks are commonly used to transmit narrowband
data, such as point-of-sale transactions for credit cards, or to
transmit broadband data that supports satellite Internet access
to a remote location, VoIP, or video.
The network typically consists of a dish antenna, an outdoor
unit, and an indoor unit. The outdoor unit is used for
frequency translation between RF and IF, and usually includes
a microwave-based uplink/downlink separator, a low noise
block (LNB) for receiving the downlink signals, and a block
Upconverter (BUC).
The VSAT ICs can be used to create the LO generator for a
linear BUC (meaning the IF or RF conversion is done by mixing
with an LO).
To enable precise frequency and time multiplexing, the
downlink signal provides an accurate frequency reference of
10 MHz. The indoor unit frequency multiplexes this with the
uplink IF signal, and the LO signal in the BUC needs to be
frequency-locked to the reference.
The TFF100xHN ICs are housed in a 24-pin HVQFN (SOT616-1)
package. The pins have been assigned for optimal performance.
Three voltage domains are used to separate the block on the
IC, and two pins for each output (OUT-P and OUT-N) have been
reserved to match a typical layout using a linewidth of Z = 50 Ω
microstrip on a 20-mil RO4003 board (1.1 mm).
The ground pins have been placed next to the reference input
and the output, and, to minimize crossings in the application,
all the supply pins are on the same side of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com