Electronic Components Datasheet Search
  English  ▼

X  

BLF175 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # BLF175
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF175 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 13Page - NXP Semiconductors BLF175 Datasheet HTML 14Page - NXP Semiconductors BLF175 Datasheet HTML 15Page - NXP Semiconductors BLF175 Datasheet HTML 16Page - NXP Semiconductors BLF175 Datasheet HTML 17Page - NXP Semiconductors BLF175 Datasheet HTML 18Page - NXP Semiconductors BLF175 Datasheet HTML 19Page - NXP Semiconductors BLF175 Datasheet HTML 20Page - NXP Semiconductors BLF175 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 130 page
background image
18
NXP Semiconductors RF Manual 16th edition
Recommended products
Product highlight:
Save energy with the BF11x8
The BF11x8 series are small-signal, RF-switching MOSFETs that can
be used to switch RF signals up to 1 GHz. Using the BF11x8 series
as an RF switch saves a considerable amount of energy. When a
recording device (DVD-R, HDD-R, VCR, DVR) is powered off, viewers
can still watch TV, although the antenna is looped via the recording
device. Without the BF11x8, the antenna signal is lost. When power
to the recording device is on, the BF11x8 is open, so the RF signal
travels via the recording device to the TV tuner. When power to the
recording device is off, the BF11x8 closes. This ensures that the RF
signal is looped through directly to the TV tuner and guarantees TV
reception. This saves energy because the recording device can be
powered off.
Function
Product
Package
Type
RF Switch /
PLT switch
MOSFET
5 V silicon RF
switch
SOT23
BF1107
SOT143B
BF1108
SOT143R
BF1108R
SOT343
BF1108W
SOT343R
BF1108WR
3.3 V silicon
RF switch
SOT143B
BF1118
SOT143R
BF1118R
SOT343
BF1118W
SOT343R
BF1118WR
Function
Product
Package
Type
AGC control
amplifier
MOSFET
2-in-1 with
band switch
@ 5 V
SOT363
BF1215
2-in-1 @ 5 V
SOT363
BF1216
5 V
SOT343
BF1217
Note: given that there is now an LNA before the MOSFET, the gain of these
MOSFETs is made slightly lower and the cross-modulation somewhat higher.
That way, the MOSFET is not under AGC even under nominal RF input level.
BGU703x evaluation board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com