Electronic Components Datasheet Search
  English  ▼

X  

BLF175 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # BLF175
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF175 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 49Page - NXP Semiconductors BLF175 Datasheet HTML 50Page - NXP Semiconductors BLF175 Datasheet HTML 51Page - NXP Semiconductors BLF175 Datasheet HTML 52Page - NXP Semiconductors BLF175 Datasheet HTML 53Page - NXP Semiconductors BLF175 Datasheet HTML 54Page - NXP Semiconductors BLF175 Datasheet HTML 55Page - NXP Semiconductors BLF175 Datasheet HTML 56Page - NXP Semiconductors BLF175 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 130 page
background image
54
NXP Semiconductors RF Manual 16th edition
NXP’s BGU703x and BGU704x low-noise amplifiers (LNAs)
upgrade overall picture quality with improved signal handling
(NF, dynamic range), while reducing the number of external
components.
Produced in NXP’s own QUBiC4+ Si BiCMOS process, they
improve signal handling by compensating for the signal loss at
the tuner switch. This can improve system performance by as
much as 7 to 10 dB.
The BGU7031, BGU7041, and BGU7044 are LNAs with fixed gain.
The BGU7032, BGU7042, and BGU7045 have an additional
bypass mode, and the BGU7033 adds two gain levels along
with the bypass mode. In bypass mode, the devices consume
less than 5 mA of current. Integrated biasing and 75 Ω
matching reduces footprint by eliminating as many as 15
components compared to discrete solutions.
All the devices can be used with discrete or Si can tuners, as
well as with on-board tuners. They deliver more robust ESD
performance compared to GaAs solutions, withstanding >2 kV
human body model (HBM) and >1.5 kV charged device model
(CDM).
Key features
 Internally biased
 Fixed G
p = 10 dB: BGU7031 (5 V), BGU7041 (3.3 V), and
Fixed G
p = 14 dB: BGU7044 (3.3 V)
 Programmable between G
p = 10 dB and
bypass: BGU7032 (5 V), BGU7042 (3.3 V), and programmable
between G
p = 14 dB and bypass: BGU7045 (3.3 V)
 Programmable between G
p = 10 dB, 5 dB and bypass:
BGU7033 (5 V)
 Flat gain between 40 MHz and 1 GHz
 Output power at 1 dB gain compression (P
L(1 dB) ) ranging
from 9 to 14 dBm
 Noise figure as low as 2.8 dB
 High linearity with an OIP3 of 29 dBm
 75 Ω input and output impedance
 Power-down during bypass mode
 ESD protection >2 kV HBM, >1.5 kV CDM on all pins
Key trends
 Multiple tuners in TV, DVR/PVR, and set-top box
applications, requiring improved signal handling
 Use of 3.3 V Si tuner ICs, perfect match with our 3.3 V LNAs
(BGU704x)
Applications
 Terrestrial and cable set-top boxes (STBs)
 Silicon and can tuners
 Personal and digital video recorders (PVRs and DVRs)
 Home networking and in-house signal distribution
BGU703x evaluation board
2.3TVandsatellite
2.3.1
LNAswithprogrammablegain&bypassoptionforimprovedtunerperformance
NXP LNAs BGU703x &BGU704x for TVs/STBs
Designed for high linearity and low noise, these 3.3 and 5 V wideband LNAs support multi-tuner applications
in TVs, DVR/PVRs, and STBs operating between 40 MHz and 1 GHZ. A unique programmable gain with
bypass mode compensates for tuner switch signal loss (important in multi-tuner systems), and improves
overall system performance by 7 to 10 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com