Electronic Components Datasheet Search
  English  ▼

X  

BLF175 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # BLF175
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF175 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 80Page - NXP Semiconductors BLF175 Datasheet HTML 81Page - NXP Semiconductors BLF175 Datasheet HTML 82Page - NXP Semiconductors BLF175 Datasheet HTML 83Page - NXP Semiconductors BLF175 Datasheet HTML 84Page - NXP Semiconductors BLF175 Datasheet HTML 85Page - NXP Semiconductors BLF175 Datasheet HTML 86Page - NXP Semiconductors BLF175 Datasheet HTML 87Page - NXP Semiconductors BLF175 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 130 page
background image
85
NXP Semiconductors RF Manual 16th edition
3.4
RF ICs
3.4.1 RF MMIC amplifiers and mixers
Why choose NXP's RF MMIC amplifiers and mixers:
` Reduced RF component count
` Easy circuit design-in
` Reduced board size
` Short time-to-market
` Broad portfolio
` Volume delivery
` Short lead time
RF MMIC amplifiers and mixers selection guide on www.nxp.com/mmics
Easy-to-use parametric filters help you choose the right zRF MMIC for your design.
General-purpose wideband amplifiers (50 Ω)
Type
Package
Gp [dB]
Pl(1dB) [dBm]
NF [dB]
IP3o[dBm]
Zout
External
Inductor
Vcc (V) Is (mA)
250
MHz
500
MHz
750
MHz
250
MHz
500
MHz
750
MHz
250
MHz
500
MHz
750
MHz
250
MHz
750
MHz
[Ohm]
BGA2870
SOT363
2.5
15.6
31.2
31.1
31.0
5.0
4.0
4.0
3.1
3.2
3.7
15.0
13.0
50
N
BGA2874
SOT363
2.5
16.0
31.1
31.0
30.6
5.0
4.0
4.0
3.0
3.1
3.4
19.0
17.0
50
N
250
MHz
950
MHz
2150
MHz
250
MHz
950
MHz
2150
MHz
250
MHz
950
MHz
2150
MHz
950
MHz
2150
MHz
BGA2800
SOT363
3
10.5
19.9
20.5
20.2
-2.0
3.7
3.6
3.7
11.0
8.0
50
N
BGA2803
SOT363
3
5.8
23.6
23.4
23.0
-6.0
-6.0
-8.0
3.7
3.6
3.4
5.0
2.0
50
N
BGA2748
SOT363
3
5.7
17.6
21.9
17.8
-9.2
-10.9
1.7
1.9
2.4
-1.9
-1.4
50
N
BGA2714
SOT363
3
4.6
20.7
20.4
20.8
-7.8
-7.9
-9.0
2.4
2.2
3.0
2.1
0.0
50
N
BGA2801
SOT363
3
14.3
22.2
22.4
23.0
2.0
2.0
0.0
3.8
3.8
3.9
14.0
9.0
50
N
BGA2802
SOT363
3
12.5
25.6
25.8
25.5
3.0
1.0
-3.0
4.2
4.1
3.6
13.0
6.0
50
N
BGA2815
SOT363
3
18.2
25.8
25.3
25.2
8.0
5.0
1.0
3.7
3.8
3.7
17.0
10.0
50
N
BGA2817
SOT363
3
20.0
24.5
24.7
25.1
6.0
6.0
5.0
3.9
3.9
3.8
18.0
15.0
50
N
BGA2819
SOT363
3
16.0
27.0
27.0
28.0
2.0
1.0
3.2
3.3
12.0
11.0
50
N
BGM1012
SOT363
3
14.6
19.6
20.0
20.4
6.0
3.4
4.9
4.8
4.9
18.0
13.0
50
Y
BGA2816
SOT363
3
22.0
31.9
32.0
26.9
7.0
5.0
3.2
3.2
3.2
15.0
8.0
50
N
BGA2818
SOT363
3
19.9
30.1
29.8
30.0
7.0
6.0
4.0
3.5
3.3
3.3
18.0
14.0
50
N
BGA2819
SOT363
3
18.0
30.0
30.0
31.0
5.0
5.0
3.0
3.0
3.1
3.4
16.0
14.0
50
N
BGA2850
SOT363
5
9.1
23.2
24.0
22.9
-2.0
4.2
4.1
4.0
10.0
8.0
50
N
BGA2851
SOT363
5
7.0
23.3
24.7
25.2
-3.0
-4.0
-5.0
4.0
3.2
3.0
8.0
5.0
50
N
BGA2715
SOT363
5
4.3
15.6
21.5
23.3
-8.0
-8.5
2.6
2.6
3.1
2.3
0.6
50
N
BGA2717
SOT363
5
8.0
20.0
24.2
25.1
-2.6
-3.1
2.3
2.3
2.9
10.0
6.3
50
N
BGA2712
SOT363
5
12.3
21.1
21.2
22.0
0.2
-2.0
4.2
3.9
4.3
11.0
6.0
50
N
BGA2866
SOT363
5
17.4
23.2
23.9
24.3
4.0
4.0
3.0
3.9
3.8
3.9
17.0
12.0
50
N
BGA2867
SOT363
5
21.7
26.4
27.2
27.2
6.8
6.5
4.9
3.7
3.8
3.7
18.8
14.1
50
N
BGA2709
SOT363
5
23.5
22.5
22.7
23.0
8.3
5.7
4.3
4.0
5.1
22.0
14.0
50
Y
BGA2716
SOT363
5
15.9
22.4
22.8
22.9
8.9
6.1
5.5
5.3
5.5
22.2
15.9
50
Y
BGA2776
SOT363
5
24.4
22.9
23.2
23.2
7.2
6.0
4.7
4.9
5.3
18.6
14.4
50
Y
BGA2865
SOT363
5
26.4
30.9
32.2
29.6
9.0
8.0
2.0
3.8
3.9
4.0
19.0
10.0
50
N
BGA2868
SOT363
5
26.0
31.5
32.8
33.5
11.0
8.5
4.0
4.1
23.5
21.5
50
N
BGA2869
SOT363
5
22.0
30.9
30.9
32.2
8.8
8.8
7.6
3.8
3.9
4.0
20.0
19.0
50
N
BGM1013
SOT363
5
27.5
35.3
35.6
32.1
13.0
8.1
4.6
4.6
4.9
22.7
18.6
75
Y
BGM1014
SOT363
5
21.0
30.2
32.2
34.3
11.2
5.7
4.3
4.2
4.2
20.5
15.1
75
Y
General-purpose LNA MMICs
Type
Package
|S21|2 [dB]
Pl(1dB) [dBm]
NF
min [dB]
IP3o [dBm]
ESD
protection
V
cc
(V)
Is
(mA)
450
MHz
900
MHz
1800
MHz
2400
MHz
5800
MHz
450
MHz
900
MHz
2400
MHz
450
MHz
900
MHz
1800
MHz
2400
MHz
5800
MHz
450
MHz
900
MHz
1800
MHz
2400
MHz
5800
MHz
kV
HBM
BGA2001
SOT343R
2.5
4.0
18.0
14.0
1.3
1.3
-7.4
-4.5
-
BGA2002 (1) SOT343R
2.5
4.0
18.0
14.0
1.3
1.3
-7.4
-4.5
-
BGA2003
SOT343R
2.5
10.0
19.0
14.0
1.8
1.8
-6.5
-4.8
-
BGA2011
SOT363
3
15.0
19.0
1.5
10.0
-
BGA2012
SOT363
3
7.0
16.0
1.7
10.0
-
BGU7003
SOT891
2.5
5.0
20.0
15.2
11.4
0.6
0.8
1.5
1
BGU7003W SOT886
2.5
5.0
20.0
15.2
11.4
0.6
0.8
1.5
1
BGU6101
SOT1209
3
1.5
13.0
12.0
13.0 (2)
-11.0 -11.5 -6.5 (2) 0.8
0.8
1.3 (2)
-2.5
-2.0
6.5 (2)
3
BGU6102
SOT1209
3
3.0
18.5
16.5
14.0 (3)
-5.0
-5.5
0 (3)
0.7
0.8
1.2 (3)
5.5
6.0
11.5 (3)
3
BGU6104
SOT1209
3
6.0
22.5
18.5
12.8 (4)
0.5
0.5
6.5 (4)
0.8
0.8
1.1 (4)
11.0
12.0
18.5 (4)
3
(1)
AEC-Q101 qualified (2) I
cc 3 mA
(3)
I
cc 6 mA
(4)
I
cc 12 mA
Bold = highly recommended product Bold red = new, highly recommended product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com