Electronic Components Datasheet Search
  English  ▼

X  

ACMAXX Datasheet(PDF) 39 Page - ebm-papst

Part # ACMAXX
Description  Compact fans for AC and DC
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACMAXX Datasheet(HTML) 39 Page - ebm-papst

Back Button ACMAXX Datasheet HTML 35Page - ebm-papst ACMAXX Datasheet HTML 36Page - ebm-papst ACMAXX Datasheet HTML 37Page - ebm-papst ACMAXX Datasheet HTML 38Page - ebm-papst ACMAXX Datasheet HTML 39Page - ebm-papst ACMAXX Datasheet HTML 40Page - ebm-papst ACMAXX Datasheet HTML 41Page - ebm-papst ACMAXX Datasheet HTML 42Page - ebm-papst ACMAXX Datasheet HTML 43Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 192 page
background image
39
8212 JN
132
77,7
12
7...13,8
55
6,6
10
8400
-20...+70
62 500 / 32 500
130 000
1
/2
8212 JH3
190
111,8
12
6...13,8
66
7,3
25
12 000
-20...+70
55 000 / 27 500
110 000
2
/2
8212 JH4
222
130,7
12
6...13,8
71
7,8
39
14 000
-20...+70
50 000 / 25 000
100 000
3
/2
8214 JN
132
77,7
24
18...26,4
55
6,6
10
8400
-20...+70
62 500 / 32 500
130 000
1
/2
8214 JH3
190
111,8
24
12...27,6
66
7,3
25
12 000
-20...+70
55 000 / 27 500
110 000
2
/2
8214 JH4
222
130,7
24
12...27,6
71
7,8
38
14 000
-20...+70
50 000 / 25 000
100 000
3
/2
8218 JN
132
77,7
48
36...53
55
6,6
11
8400
-20...+70
62 500 / 32 500
130 000
1
/2
8218 JH3
190
111,8
48
20...58
66
7,3
25
12 000
-20...+70
55 000 / 27 500
110 000
2
/2
8218 JH4
222
130,7
48
20...58
71
7,8
36
14 000
-20...+70
50 000 / 25 000
100 000
3
/2
DC axial fans
Series 8200 J
80 x 80 x 38 mm
25
0
50
100
200
100
500
600
50
75
300
400
150
3
100
125
200
2
1
m³/h
CFM
Nominal data
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110
max.
222 m3/h
HP
A
PWM
I
T
NG
Highlights:
– Very rigid compression curve for high air flow at high back pressure.
– Innovative impeller with winglets for low noise.
– Optional Vario-Pro: Highly adaptable software configuration of the fan enables
a tailor-made solution to the specific requirements of your applications.
General characteristics:
– Material: fibreglass-reinforced plastic. Impeller PA, housing PBT.
– Fully integrated electronic commutation. Protected against reverse polarity and locking.
– Connection via single strands AWG 24 (H3 and H4: AWG 22), TR 64.
Bared and tin-plated.
– Air exhaust over struts. Direction of rotation counter-clockwise, seen on rotor.
– Mass: 160 g (H3 and H4: 200 g).
8200 JH3 and JH4 also as
standard with PWM control input and speed signal.
Speed control range from 2000 RPM up to maximum nominal speed. Stationary at 0 % PWM,
maximum speed at sensor break.
IP54
IP54
Û



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com