Electronic Components Datasheet Search
  English  ▼

X  

ACMAXX Datasheet(PDF) 86 Page - ebm-papst

Part # ACMAXX
Description  Compact fans for AC and DC
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACMAXX Datasheet(HTML) 86 Page - ebm-papst

Back Button ACMAXX Datasheet HTML 82Page - ebm-papst ACMAXX Datasheet HTML 83Page - ebm-papst ACMAXX Datasheet HTML 84Page - ebm-papst ACMAXX Datasheet HTML 85Page - ebm-papst ACMAXX Datasheet HTML 86Page - ebm-papst ACMAXX Datasheet HTML 87Page - ebm-papst ACMAXX Datasheet HTML 88Page - ebm-papst ACMAXX Datasheet HTML 89Page - ebm-papst ACMAXX Datasheet HTML 90Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 192 page
background image
86
Highlights:
– Optional Vario-Pro: Highly adaptable software configuration of the fan enables a tailor-made
solution to the specific requirements of your applications.
– Backward curved impeller.
General characteristics:
– Fibreglass-reinforced plastic scroll housing and impeller; Housing base of steel plate.
– Fully integrated electronic commutation.
– Protected against reverse polarity and locking.
– Direction of air flow: axial air intake, centrifugal air exhaust out of the outlet.
– Connection via single strands AWG 22, TR 64. Bared and tin-plated.
48 V Model: Flat plug 6.3 x 0.8 mm for protective earth.
– Mass: 730 g.
DC centrifugal fans
Series RG 125 N
180 x 180 x 40 mm
Nominal data
Type
m3/h
CFM
VDC
VDC
Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110/112
RG 125-19/12 NM
60,0
35,3
12
7...15
4,8
2,0
1 750
-30...+75
70 000 / 30 000
135 000
1
RG 125-19/12 N
87,5
51,5
12
7...15
5,8
5,0
2 550
-30...+75
62 500 / 27 500
125 000
2
/2/12
RG 125-19/14 NM
60,0
35,3
24
12...28
4,8
2,0
1 750
-30...+75
70 000 / 30 000
135 000
1
RG 125-19/14 N
87,5
51,5
24
12...28
5,8
5,0
2 550
-30...+75
62 500 / 27 500
125 000
2
/2
RG 125-19/18 N
87,5
51,5
48
36...56
5,8
5,0
2 550
-30...+75
62 500 / 27 500
125 000
2
RG 125-19/18 NH
137
80,6
48
36...56
7,0
19,0
4 000
-20...+70
55 000 / 27 500
110 000
3
0
1 02 03 04 05 0
20
40
50
100
60
80
150
1
2
75
125
25
m³/h
CFM
20
04 0
6 0
8 0
20
40
120
180
240
300
360
420
60
80
100
120
3
60
m³/h
CFM
max.
137 m3/h
HP
A
SP
IP54
IP54
Û
PWM
I
T
NG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com