Electronic Components Datasheet Search
  English  ▼

X  

ACMAXX Datasheet(PDF) 72 Page - ebm-papst

Part # ACMAXX
Description  Compact fans for AC and DC
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACMAXX Datasheet(HTML) 72 Page - ebm-papst

Back Button ACMAXX Datasheet HTML 68Page - ebm-papst ACMAXX Datasheet HTML 69Page - ebm-papst ACMAXX Datasheet HTML 70Page - ebm-papst ACMAXX Datasheet HTML 71Page - ebm-papst ACMAXX Datasheet HTML 72Page - ebm-papst ACMAXX Datasheet HTML 73Page - ebm-papst ACMAXX Datasheet HTML 74Page - ebm-papst ACMAXX Datasheet HTML 75Page - ebm-papst ACMAXX Datasheet HTML 76Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 192 page
background image
72
max.
1245 m3/h
DC diagonal module
K1G 200
225 x 225 x 80 mm
– Material: Housing made of fibreglass-reinforced PA6 plastic, seven blades made of fibre-
glass-reinforced PA6 plastic. Rotor coated in black
– Protected against reverse polarity and locking.
– Direction of air flow “V”. Direction of rotation CW, seen on rotor.
– Type of protection: IP 20 (... 02); IP 44 (... 04). Insulation class: “B”.
– Maintenance-free ball bearings.
– Control input 0-10 VDC / PWM and tach output.
– Electrical connection via connection line AWG 20, 4x brass lead tips crimped.
– Continuous operation (S1).
– Mass: 1.7 kg.
80
6
+1
200
400
600
800
1000
0
400
[CFM]
200
100
300
500
600
100
200
300
400
500
[m
3/h]
6
3
1
1
1 1
2
2
2
2
3
3
3
4
4
4
4
1
2
3
4
K1G 200-AD65-04
1020
600,3
24
16...28
4,7
76
95
3 400
-25...+60
67 000 / 33 000
1
K1G 200-AD31-02
1045
614,9
24
16...28
5,3
77
107
3 520
-25...+70
100 000 / 50 000
2
K1G 200-AD49-04
1095
644,4
48
36...57
3,4
77
120
3 650
-25...+60
80 000 / 32 000
3
K1G 200-AD37-02
1245
732,7
48
36...57
5,6
81
183
4 140
-25...+70
75 000 / 30 000
4
Type
m3/h
CFM
VDC
VDC
A
dB(A)
/
Watts
RPM
°C
Hours
Nominal data
nP1
ILwA
[RPM]
[W]
[A]
[dB(A)]
➀ ❶
3400
95
4,70
76
➀ ➋
3410
116
5,61
74
➀ ➌
3410
119
5,75
74
➀ ➍
3410
117
5,62
76
➁ ❶
3520
107
5,30
77
➁ ➋
3520
127
6,24
75
➁ ➌
3520
129
6,31
76
➁ ➍
3520
126
6,18
76
➂ ❶
3650
120
3,40
77
➂ ➋
3650
141
3,90
75
➂ ➌
3650
145
3,99
76
➂ ➍
3650
141
3,88
78
➃ ❶
4140
183
5,60
81
➃ ➋
4090
212
6,46
79
➃ ➌
4060
213
6,52
79
➃ ➍
4110
211
6,43
80
NEW
NEW
NEW
NEW
Cable assignment:
Red
= UN
Yellow = 0-10 VDC
White
= Speed monitoring output
Blue
= GND
Air performance measured
as per: ISO 5801,
Installation category A,
without protection against
accidental contact
Suction-side noise levels:
LwA as per ISO 13347
The acoustic values given are
only valid under the measur-
ment conditions listed and
may vary depending on the
installation situation.
With any deviation to the stan-
dard setup, the specific values
have to be checked and re-
viewed once installed or fitted!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com