Electronic Components Datasheet Search
  English  ▼

X  

ACMAXX Datasheet(PDF) 49 Page - ebm-papst

Part # ACMAXX
Description  Compact fans for AC and DC
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACMAXX Datasheet(HTML) 49 Page - ebm-papst

Back Button ACMAXX Datasheet HTML 45Page - ebm-papst ACMAXX Datasheet HTML 46Page - ebm-papst ACMAXX Datasheet HTML 47Page - ebm-papst ACMAXX Datasheet HTML 48Page - ebm-papst ACMAXX Datasheet HTML 49Page - ebm-papst ACMAXX Datasheet HTML 50Page - ebm-papst ACMAXX Datasheet HTML 51Page - ebm-papst ACMAXX Datasheet HTML 52Page - ebm-papst ACMAXX Datasheet HTML 53Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 192 page
background image
49
max.
237 m3/h
4182 NGX
160
94,2
12
7...15
44
5,3
3,5
2 800
-10...+75
85 000 / 37 500
167 500
1
/2
4182 NX
180
105,9
12
7...15
49
5,7
4,5
3 200
-30...+75
85 000 / 37 500
167 500
2
/2/12
4182 NXH
237
139,5
12
7...14
57
6,5
11,0
4 400
-30...+55
70 000 / 50 000
142 500
3
4184 NGX
160
94,2
24
12...30
44
5,3
3,5
2 800
-10...+75
85 000 / 37 500
167 500
1
/2
4184 NXM
160
94,2
24
12...30
44
5,3
3,5
2 800
-30...+75
85 000 / 37 500
167 500
1
4184 NX
180
105,9
24
12...29
49
5,7
4,5
3 200
-30...+75
85 000 / 37 500
167 500
2
/2/17
4184 NXH
237
139,5
24
12...25
57
6,5
11,0
4 400
-30...+55
70 000 / 50 000
142 500
3
/2
4188 NGX
160
94,2
48
36...56
44
5,3
3,8
2 800
-10...+75
85 000 / 37 500
167 500
1
4188 NXM
160
94,2
48
36...56
44
5,3
3,5
2 800
-30...+75
85 000 / 37 500
167 500
1
/12
Nominal data
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110-114
Highlights:
– Very rigid compression curve for high air flow at high back pressure.
– Low operating noise level at high back pressure.
– Optional Vario-Pro: Highly adaptable software configuration of the fan enables
a tailor-made solution to the specific requirements of your applications.
General characteristics:
– Material: aluminium housing, fibreglass-reinforced PA impeller; housing with grounding lug
for screw M4 x 8 (Torx).
– Fully integrated electronic commutation.
– Protected against reverse polarity and locking.
– Electrical connection with flat plugs, 2.8 x 0.5 mm. Optionally with strands.
– Air intake over struts. Direction of rotation clockwise, seen on rotor.
– Mass: 390 g.
DC axial fans
Series 4100 N
119 x 119 x 38 mm
0
20
40
60
80
100
120
40
80
40
80
60
120
160
200
120
1
2
20
100
140
3
m³/h
CFM
HP
A
SP
IP54
IP54
Û
PWM
I
T
NG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com