Electronic Components Datasheet Search
  English  ▼

X  

ACMAXX Datasheet(PDF) 23 Page - ebm-papst

Part # ACMAXX
Description  Compact fans for AC and DC
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACMAXX Datasheet(HTML) 23 Page - ebm-papst

Back Button ACMAXX Datasheet HTML 19Page - ebm-papst ACMAXX Datasheet HTML 20Page - ebm-papst ACMAXX Datasheet HTML 21Page - ebm-papst ACMAXX Datasheet HTML 22Page - ebm-papst ACMAXX Datasheet HTML 23Page - ebm-papst ACMAXX Datasheet HTML 24Page - ebm-papst ACMAXX Datasheet HTML 25Page - ebm-papst ACMAXX Datasheet HTML 26Page - ebm-papst ACMAXX Datasheet HTML 27Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 192 page
background image
23
max.
4,5 m3/h
255 M
2,1
1,2
5
4,5...5,5
5
< 3
0,2
6 000
-10...+70
45 000 / 14 000
45 000
1
255 N
3,2
1,9
5
4,5...5,5
16
< 3
0,4
9 600
-10...+70
40 000 / 12 000
40 000
2
/2
255 H
4,5
2,6
5
4,5...5,5
23
4,4
0,6
12 000
-10...+55
35 000 / 12 000*
30 000
3
/2
252 N
3,2
1,9
12
10...14
15
< 3
0,5
9 000
-10...+70
40 000 / 12 000
40 000
2
/2
252 H
4,5
2,6
12
10...14
23
4,4
0,7
12 000
-10...+55
35 000 / 12 000*
30 000
3
Highlights:
– Compact fan with low power consumption.
General characteristics:
– Material: fibreglass-reinforced plastic. Impeller PA, housing PBT.
– Fully integrated electronic commutation.
– Protected against reverse polarity and locking.
– Connection via single strands AWG 28, TR 64. Bared and tin-plated.
– Air exhaust over struts. Direction of rotation counter-clockwise, seen on rotor.
– Mass: 5 g.
DC axial fans
Series 250
25 x 25 x 8 mm
1
2
10
20
3
4
m³/h
2
1
3
30
40
50
0
0,4
0,8
1,2
1,6
2,0
2,4
CFM
Nominal data
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110
* at 55 °C
HP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com