Electronic Components Datasheet Search
  English  ▼

X  

ACMAXX Datasheet(PDF) 63 Page - ebm-papst

Part # ACMAXX
Description  Compact fans for AC and DC
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACMAXX Datasheet(HTML) 63 Page - ebm-papst

Back Button ACMAXX Datasheet HTML 59Page - ebm-papst ACMAXX Datasheet HTML 60Page - ebm-papst ACMAXX Datasheet HTML 61Page - ebm-papst ACMAXX Datasheet HTML 62Page - ebm-papst ACMAXX Datasheet HTML 63Page - ebm-papst ACMAXX Datasheet HTML 64Page - ebm-papst ACMAXX Datasheet HTML 65Page - ebm-papst ACMAXX Datasheet HTML 66Page - ebm-papst ACMAXX Datasheet HTML 67Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 192 page
background image
63
max.
950 m3/h
HP
A
PWM
I
T
NG
DC axial fans
Series 6300 TD
172 x 160 x 51 mm
0
100
200
300
400
500
600
200
400
600
800
1000
200
400
600
800
1000
1
2
m³/h
CFM
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
6314 /2TDHHP-015
710
415,0
24
16...36
69
7,9
67
7 000
-20...+70
62 500 / 30 000
120 000
1
6318 /2TDH4P-007
950
560,0
48
36...72
75
8,4
150
9 200
-20...+65
52 500 / 30 000
107 500
2
Nominal data
Highlights:
– 3-phase fan drive with high degree of running smoothness.
– Very rigid compression curve for high air flow at high back pressure.
– Low operating noise level at high back pressure.
– Standard with PWM control input and speed signal, additional inputs and outputs on
request.
General characteristics:
– Material: aluminium housing, fibreglass-reinforced PA impeller; housing with grounding lug
for screw M4x8(Torx).
– Protected against reverse polarity and locking.
– Connection via single strands AWG 20, TR 64. Bared and tin-plated.
– Air exhaust over struts. Direction of rotation counter-clockwise, seen on rotor.
– Mass: 910 g.
Speed control range from 1000 RPM up to maximum nominal speed. Stationary at 0 % PWM,
maximum speed at sensor break.
*Vorläufig
SP
IP54
IP54
Û
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com