Electronic Components Datasheet Search
  English  ▼

X  

ACMAXX Datasheet(PDF) 22 Page - ebm-papst

Part # ACMAXX
Description  Compact fans for AC and DC
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACMAXX Datasheet(HTML) 22 Page - ebm-papst

Back Button ACMAXX Datasheet HTML 18Page - ebm-papst ACMAXX Datasheet HTML 19Page - ebm-papst ACMAXX Datasheet HTML 20Page - ebm-papst ACMAXX Datasheet HTML 21Page - ebm-papst ACMAXX Datasheet HTML 22Page - ebm-papst ACMAXX Datasheet HTML 23Page - ebm-papst ACMAXX Datasheet HTML 24Page - ebm-papst ACMAXX Datasheet HTML 25Page - ebm-papst ACMAXX Datasheet HTML 26Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 192 page
background image
22
Special features of S-Force fans
The S-Force series is the most powerful product series on the market. S-Force stands for the highest innovation in motor technology, fluid mecha-
nics and electronics. The one-of-a-kind power density of the products requires special attention to the application at the customer's facility.
Service life
Due to the high currents in the fans, the load on the electrolyte capaci-
tors is greater, which reduces the service life of the capacitor. As a lar-
ger or additional capacitor cannot be housed in the fan, the capacitor
must be housed in the supply line.
If the power pack of the application has a corresponding capacitor, in
some cases it may be possible to omit the external capacitor.
Recommended capacitors
We recommend using the following capacitors from Rubycon:
24 VDC:
50 ZL 680
μF; 12,5 mm x 30 mm or
50 ZLH 680
μF 12,5 mm x 30 mm
48 VDC:
100 YXG 470
μF; 16 mm x 35,5 mm or
100 ZLH 470
μF 16 mm x 31,5 mm
Other capacitors with equal or greater capacitance and equal or lower
serial resistance can also be used.
ebm-papst St. Georgen offers the following capacitors ex stock:
24 VDC: 1000
μF / 50 V, 16 mm x 25 mm
Art. No.: 992 0345 000 (LZ 354)
48 VDC: 680
μF / 100 V, 18 mm x 40 mm
Art. No. : 992 0355 000 (LZ 355)
M
Micro-
controller
Power
Supply
GND
+Vs
Recommended measure: Additional external capa-
citor (thus must be installed as close to the fan as
possible < 30 cm).
Fan
Capacitor
required
S-Force axial
8200 / 3200 JH3-JH4
no
4100 NH3 / NH4 / NH5 / NH6
no
4100 NH7 / NH8
yes
5300 / 5300 TD
no
6300 / 6300 TD
no
2200 FTD
no
S-Force centrifugal
RET 97 TD
yes
RER 120 TD
yes
RER 133 TD
no
RER 160 NTDHH
yes
REF 175 TD
no
RER 175 TD
no
RER 190 TD / RG 190 TD
no
RER 220 TD / RG 220
no
RER 225 TDM / RG 225 TDM
no
RER 225 TD / RG 225 TD
yes
Connection instructions for S-Force fans



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com