Electronic Components Datasheet Search
  English  ▼

X  

ACMAXX Datasheet(PDF) 76 Page - ebm-papst

Part # ACMAXX
Description  Compact fans for AC and DC
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACMAXX Datasheet(HTML) 76 Page - ebm-papst

Back Button ACMAXX Datasheet HTML 72Page - ebm-papst ACMAXX Datasheet HTML 73Page - ebm-papst ACMAXX Datasheet HTML 74Page - ebm-papst ACMAXX Datasheet HTML 75Page - ebm-papst ACMAXX Datasheet HTML 76Page - ebm-papst ACMAXX Datasheet HTML 77Page - ebm-papst ACMAXX Datasheet HTML 78Page - ebm-papst ACMAXX Datasheet HTML 79Page - ebm-papst ACMAXX Datasheet HTML 80Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 192 page
background image
76
DC fans
Product line
Our centrifugal product line includes fans for
every application. Whether as free-running
impellers with a diameter between 97 mm and
225 mm or as assemblies in a ready-to-install,
compact housing with inlet nozzle with an edge
length between 51 mm and 270 mm. Of cour-
se, all models feature high-efficiency, brushless
motor technology.
Electronic protection against
reverse polarity
ebm-papst DC fans have electronically commu-
tated drives with electronic protection against
reverse polarity.The electronics are conveniently
located in the fan hub.
Product life expectancy
A distinctive feature of DC fan technology is
the convincingly high product life expectancy.
Thanks to the excellent efficiency of the brush-
less drives, the thermal load of the bearings is
reduced, thus considerably increasing the life
expectancy of the fans.
Protection class
DC fans with sleeve and ball bearings are pow-
ered by Class E insulated motors. All ebm-papst
fans conform to the requirements of Protection
Class IP 20. Fans conforming to IP 54 and spe-
cial protection classes are also available.
Voltage range
Many of our DC fans can be operated on volta-
ges that are up to 50% lower and 25% higher
than their nominal voltage (see Voltage range in
the technical tables). This enables the air per-
formance to be adapted to the cooling require-
ments and allows the noise to be reduced, even
if the fan does not have a control input.
Closed-loop speed control and monitoring
Closed-loop speed control and function monito-
ring are becoming increasingly important in
many applications. ebm-papst offers many fans
in the standard design with a control input and
open collector speed signal.
S-Force centrifugal – RadiCal
The new S-Force centrifugal fans provide peak
performance among fans of this type. With air
flow capacity at over 1500 m³/h and a pressure
build-up of up to 1000 pascals, the highest heat
flows are manageable. In addition, the models
are extremely efficient due to the multi-pole,
electronically commutated drive motors and can
be adapted individually to every application
thanks to intelligent motor features. Some
models use our new, highly efficient RadiCal
impellers.
Technical information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com