Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8224 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8224 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.1, June 2012
42
REGISTER MAP DESCRIPTION
The following table describes the function of each of the control bits shown in Table 15.
REGISTER
REGISTER
NAME
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
R0 (00h)
Device ID
7:0
10000010
Read only register. Reading from this register returns the
first 2 digits of device part number.
R1 (01h)
Setup
Register 1
0
EN
1
Global Enable
0 = complete power down,
1 = fully active (individual blocks can be disabled using
individual powerdown bits – see setup register 5).
1
CDS
1
Select correlated double sampling mode:
0 = non-CDS mode,
1 = CDS mode.
2
MONO
0
Sampling mode select
0 = other mode (2 or 3-channel)
1 = Monochrome (1-channel) mode. Input channel
selected by CHAN[1:0] register bits, unused channel is
powered down.
TWOCHAN and MONO should not be set concurrently.
3
TWOCHAN
0
Sampling mode select
0 = other mode (1 or 3-channel)
1 = 2-channel mode.
TWOCHAN and MONO should not be set concurrently.
5:4
PGAFS[1:0]
00
Offsets PGA output to optimise the ADC range for different
polarity sensor output signals. Zero differential PGA input
signal gives:
0x = Zero output from the PGA (Output code=511)
10 = Full-scale positive output (OP=1023) – use for
negative going video.
NB, Set INVOP=1 if zero differential input
should give a zero output code with negative
going video.
11 = Full-scale negative output (OP=0) - use for positive
going video
7:6
ACLKDIV[1:0]
00
Reduces the internal clock frequency to allow analogue
circuitry to run at a slower rate when daisy chaining
devices.
00 – no divide
01 – divide MCLK by 2 internally
10 – divide MCLK by 3 internally
11 – not valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com