Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8224 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8224 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.1, June 2012
15
Test Conditions
AVDD = DVDD = 3.3V, AGND = DGND = 0V, TA = 25C, MCLK = 40MHz unless otherwise stated..
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output propagation delay
tPD
IOH & IOL = 1mA
AUTOZ=0
3
4.5
7
ns
Output enable time, from OEB falling edge
tPZE
5
ns
Output disable time, from OEB rising edge.
tPEZ
3
ns
Automatic output enable time from MCLK
rising edge.
tPAZE
AUTOZ=1, OEDEL=01
5.5
ns
Automatic output disable time from MCLK
rising edge.
tPAEZ
AUTOZ=1, all OEDEL
settings
3
ns
SERIAL INTERFACE
Figure 9 Serial Interface Timing
Test Conditions
AVDD = DVDD = 3.3V, AGND = DGND = 0V, TA = 25C, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SCK period
tSPER
83.3
ns
SCK high
tSCKH
37.5
ns
SCK low
tSCKL
37.5
ns
SDI set-up time
tSSU
6
ns
SDI hold time
tSH
6
ns
SCK Rising to SEN Rising
tSCRSER
37.5
ns
SCK Falling to SEN Falling
tSCFSEF
12
ns
SEN to SCK set-up time
tSEC
12
ns
SEN pulse width
tSEW
60
ns
SEN low to SDO = Register data
tSERD
30
ns
SCK low to SDO = Register data
tSCRD
30
ns
SCK low to SDO = ADC data
tSCRDZ
30
ns
Note:
Figure 3 Parameters are measured at 50% of the rising/falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com