Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8224 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8224 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.1, June 2012
25
OUTPUT FORMATS
The output from the WM8224 can be presented in several different formats under control of the
OPFORM register bit as shown in Figure 21. In addition the data can be presented at different
resolutions.
Figure 21 Output Data Formats
OPFORM
OUTPUT
FORMAT
OUTPUT
PINS
RES[1:0]
RESOLUTION
OUTPUT
0
Multiplexed
OP[11:4]
11
16-bit
A[7:0] = {d15, d14, d13, d12, d11, d10, d9, d8}
B[7:0] = {d7, d6, d5, d4, d3, d2, d1,d0}
10
12-bit
A[7:0] = {d15, d14, d13, d12, d11, d10, d9, d8}
B[7:0] = {d7, d6, d5, d4, 0, 0, 0, 0}
01
10-bit
A[7:0] = {d15, d14, d13, d12, d11, d10, d9, d8}
B[7:0] = {d7, d6, 0, 0, 0, 0, 0, 0}
00
8-bit
Not valid
1
Parallel
OP[11:0]
11
16-bit
Not valid
OP[11:0]
10
12-bit
A[11:0] ={ d15, d14, d13, d12, d11, d10, d9,
d8,d7,d6,d5,d4}
OP[11:2]
01
10-bit
A[9:0] = {d15, d14, d13, d12, d11, d10, d9, d8,d7,d6}
OP[11:4]
00
8-bit
A[7:0] = {d15, d14, d13, d12, d11, d10, d9, d8}
Table 3 Details of Output Data Formats (as shown in Figure 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com