Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8224 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8224 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.1, June 2012
16
INTERNAL POWER ON RESET CIRCUIT
Figure 10 Internal Power On Reset Circuit Schematic
The WM8224 includes an internal Power-On-Reset Circuit, as shown in Figure 10, which is used to
reset the digital logic into a default state after power up. The POR circuit is powered from AVDD and
monitors DVDD. It asserts PORB low if AVDD or DVDD is below a minimum threshold.
DVDD
AVDD
V
pord_on
DGND
AGND
Internal POR active
LO
HI
Device Ready
Internal
POR active
No Power
POR
Undefined
V
pora_off
V
pora
INTERNAL PORB
Figure 11 Typical Power up Sequence where AVDD is Powered before DVDD
Figure 11 shows a typical power-up sequence where AVDD is powered up first. When AVDD rises
above the minimum threshold, Vpora, there is enough voltage for the circuit to guarantee PORB is
asserted low and the chip is held in reset. In this condition, all writes to the control interface are
ignored. Now AVDD is at full supply level. Next DVDD rises to Vpord_on and PORB is released high
and all registers are in their default state and writes to the control interface may take place.
On power down, where AVDD falls first, PORB is asserted low whenever AVDD drops below the
minimum threshold Vpora_off.
Figure 12 Typical Power up Sequence where DVDD is Powered before AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com