Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8224 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8224 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.1, June 2012
27
ADC resolution being used. As TARGETx[7:0] is an 8 bit register, the 4 MSBs of a data output code
cannot be changed.
16bit ADC Resolution
For 16bit resolution the target code entered into TARGETx[7:0] will ignore the 4 MSBs and 4 LSBs of
the 16-bit data output. For example if the desired code out is 0000111111110001, the value entered
into TARGETx[7:0] would be 11111111.
12bit ADC Resolution
For 12bit resolution the 4 MSBs of the 12 bit data output code will be ignored. For example if the
desired code out is 000011111111, the value entered into TARGETx[7:0] would be 11111111.
10bit ADC Resolution
For 10bit resolution the 4 MSBs of the 10bit data output code will be ignored. The 2 LSBs of the
target code should be set to ‘00’. For example if the desired code out is 0000111111, the value
entered into TARGETx[7:0] would be 11111100.
8bit ADC Resolution
For 8bit resolution the 4 MSBs of the 8bit data output code will be ignored. The 4 LSBs of the target
code should be set to ‘0000’. For example if the desired code out is 00001111, the value entered into
TARGETx[7:0] would be 11110000.
INDICATING THE START OF A BLC PROCEDURE
The start of a line is required to be indicated to the WM8224 to allow the black-pixel period to be
located. This can be achieved by two methods. The register TG_METHOD is set to reflect which
method is to be used.
METHOD 1: OEB PIN
The OEB pin can be shared with the BLC function to indicate the start of a line if the OEB functionality
is not required. To indicate the start of a line, send a line synchronisation pulse, TG, on the OEB pin.
It must be high for at least one rising edge of MCLK. The TG_METHOD register must be set to either
‘10’ or ‘11’ depending on whether positive or negative edge triggering is required, as shown in Figure
24.
Figure 24 Start of Line Indicator Using TG on the OEB Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com