Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
34
The WM8310 monitors the DC-DC Converters and LDOs during the ON sequence to ensure that the
required circuits have powered up successfully before proceeding to the next timeslot. The nominal
timeslot durations are extended if necessary in order to wait for the selected DC-DC Converters or
LDOs to power up. If the ON sequence has not completed within 2 seconds of starting the transition,
then a Power Sequence Failure has occurred, resulting in the OFF state being forced.
Note that, when the OFF state is forced as a result of a Power Sequence failure, all converters and
regulators will be shut down. The shutdown sequence is not controlled in this case; all enabled
converters and regulators will be disabled immediately on detection of a Power Sequence failure.
The most recent ON or WAKE event can be determined by reading the bits in the “ON Source”
register, R400Eh. The most recent OFF event can be determined by reading the bits in the “OFF
Source” register, R400Fh.
The “ON Source” register is updated when a new ON event occurs. The “OFF Source” register is
updated when a new OFF event occurs. Note that some Reset conditions (see Section 24) result in
an OFF transition followed by an ON transition; these events are recorded as Reset events in the “ON
Source” register.
The ON Source and OFF Source register fields are defined in Table 2.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16387
(4003h)
Power State
15
CHIP_ON
0
Indicates whether the system is
ON or OFF.
0 = OFF
1 = ON (or SLEEP)
OFF can be commanded by
writing CHIP_ON = 0.
Note that writing CHIP_ON = 1 is
not a valid ‘ON’ event, and will not
trigger an ON transition.
14
CHIP_SLP
0
Indicates whether the system is in
the SLEEP state.
0 = Not in SLEEP
1 = SLEEP
WAKE can be commanded by
writing CHIP_SLP = 0.
SLEEP can be commanded by
writing CHIP_SLP = 1.
11:10
PWRSTATE_DLY
10
Power State transition delay
00 = No delay
01 = No delay
10 = 1ms
11 = 10ms
R16398
(400Eh)
ON Source
15
ON_TRANS
0
Most recent ON/WAKE event type
0 = WAKE transition
1 = ON transition
11
ON_GPIO
0
Most recent ON/WAKE event type
0 = Not caused by GPIO input
1 = Caused by GPIO input
10
ON_SYSLO
0
Most recent WAKE event type
0 = Not caused by SYSVDD
1 = Caused by SYSLO threshold.
Note that the SYSLO threshold
cannot trigger an ON event.
8
ON_CHG
0
Most recent WAKE event type
0 = Not caused by Battery Charger
1 = Caused by Battery Charger
7
ON_WDOG_TO
0
Most recent WAKE event type
0 = Not caused by Watchdog timer
1 = Caused by Watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com