Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
63
Most of the DCRW contents are duplicates of control registers that exist in the main register area
below the DCRW addresses. In theses cases, reading or writing to either address will have the same
effect.
Some register fields are defined only in the DCRW area; a detailed description of these fields is
provided in the following sub-sections.
14.6.1
DCRW PAGE 0
Page 0 of the DCRW occupies register addresses R30720 (7800h) to R30727 (7807h). This contains
factory-preset data which is loaded from OTP when an ‘ON’ state transition is scheduled.
Page 0 of the DCRW contains a 128-bit unique ID. Note that these fields are Read-Only in the OTP
and cannot be changed.
14.6.2
DCRW PAGE 1
Page 1 of the DCRW occupies register addresses R30728 (7808h) to R30735 (780Fh). This contains
factory-preset data which is loaded from OTP when an ‘ON’ state transition is scheduled.
Page 1 of the DCRW contains trim parameters that ensure the accuracy of the voltage references
and the power management RC oscillator. Note that these fields are Read-Only in the OTP and
cannot be changed.
14.6.3
DCRW PAGE 2
Page 2 of the DCRW occupies register addresses R30736 (7810h) to R30743 (7817h). This contains
user-programmable data.
This page of data is normally loaded from OTP when ‘ON’ state transition is scheduled (except in
Development Mode or if RECONFIG_AT_ON = 0). This page of data can also be loaded from OTP
using the OTP_READ command; it can be written to the OTP using the OTP_WRITE command.
This page of data is loaded from the first page of ICE memory (00h to 0Fh) when ‘ON’ state transition
is scheduled in Development Mode (if RECONFIG_AT_ON = 1). This page of data can also be
loaded from ICE using the ICE Read command. Note that ICE Address 00h corresponds to bits 15:8
at the start address of DCRW Page 2; ICE Address 01h corresponds to bits 7:0 at the same DCRW
address.
If the WM8310 configuration data is loaded from external ICE in response to an ‘ON’ state transition
request, and the OTP_AUTO_PROG register bit is set, then the WM8310 will program the OTP with
the contents Page 2 and Page 3 of the DCRW data, after the ICE data has been loaded and
confirmed as valid. The WM8310 will also perform a Margin 1 Verify as part of the auto-program
function.
The programming supply voltage PROGVDD is required for the OTP_AUTO_PROG command. It is
also necessary to overdrive the LDO12VOUT pin from an external supply. See Section 6 for details of
the required supply voltages.
Using the auto-program function described above, the OTP will be finalised if the OTP_CUST_FINAL
bit is set in the ICE data. Completion of the auto-program is indicated using the OTP interrupts, as
described in Section 14.5. The auto-program completion is also indicated on the Status LED outputs,
as described in Section 22.
The OTP_CUST_ID field is used to hold a Customer Identifier for the OTP data contents. Whenever
an ‘ON’ state transition is requested, then the OTP_CUST_ID field is checked to confirm valid OTP
data. If the OTP_CUST_ID field is set to zero, then the WM8310 remains in the OFF power state. A
non-zero OTP_CUST_ID field is used to confirm valid OTP contents.
The OTP_CUST_FINAL bit is used to control whether the user-programmable OTP data (Page 2 and
Page 3) is finalised. If OTP_CUST_FINAL is set in the OTP and also set in the DCRW, then the
WM8310 prevents any further Writes to the OTP. If the DCRW has been loaded from the OTP, then
the OTP_CUST_FINAL bit indicates whether any further Write operations are possible. If the DCRW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com