Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
43
Figure 10 Single Register Read from Specified Address
Figure 11 Multiple Register Write to Specified Address using Auto-increment
Figure 12 Multiple Register Read from Specified Address using Auto-increment
Figure 13 Multiple Register Read from Last Address using Auto-increment
Multiple Write and Multiple Read operations enable the host processor to access sequential blocks of
the data in the WM8310 register map faster than is possible with single register operations. The auto-
increment option is enabled when the AUTOINC register bit is set. This bit is defined in Table 12.
Auto-increment is enabled by default.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16391 (4007h)
Control Interface
2
AUTOINC
1
Enable Auto-Increment function
0 = Disabled
1 = Enabled
Table 12 Auto-Increment Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com