Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 66 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
66
REGISTER
FUNCTION
REFERENCE
GP5_DIR
GPIO5
See Section 21.3
GP5_PULL [1:0]
See Section 21.3
GP5_INT_MODE
See Section 21.3
GP5_PWR_DOM
See Section 21.3
GP5_POL
See Section 21.3
GP5_OD
See Section 21.3
GP5_ENA
See Section 21.3
GP5_FN [3:0]
See Section 21.3
GP6_DIR
GPIO6
See Section 21.3
GP6_PULL [1:0]
See Section 21.3
GP6_INT_MODE
See Section 21.3
GP6_PWR_DOM
See Section 21.3
GP6_POL
See Section 21.3
GP6_OD
See Section 21.3
GP6_ENA
See Section 21.3
GP6_FN [3:0]
See Section 21.3
CLKOUT_SLOT [2:0]
Clocking
See Section 13.1
CLKOUT_SRC
See Section 13.1
XTAL_ENA
See Section 13.1
XTAL_INH
See Section 13.1
FLL_AUTO_FREQ [2:0]
See Section 13.3
USB_ILIM [2:0]
USB Configuration
See Section 17.4
USB100MA_STARTUP [1:0]
See Section 17.4
CHG_ENA
Battery Charger Enable
See Section 17.7
WDOG_ENA
Watchdog Timer
See Section 25
LED1_SRC [1:0]
System Status LED Drivers
See Section 22.2
LED2_SRC [1:0]
See Section 22.2
SYSOK_THR [2:0]
Supply Voltage Monitoring
See Section 24.4
Table 31 DCRW Page 3
14.6.5
DCRW PAGE 4
Page 4 of the DCRW occupies register addresses R30752 (7820h) to R30759 (7827h).
This page of data is loaded from the third page of ICE memory (20h to 2Fh) when ‘ON’ state transition
is scheduled in Development Mode. This page of data can also be loaded from ICE using the ICE
Read command. Note that ICE Address 20h corresponds to bits 15:8 at the start address of DCRW
Page 4; ICE Address 21h corresponds to bits 7:0 at the same DCRW address.
The ICE_VALID_DATA register is used to hold a validation field for the ICE data contents. If the
WM8310 configuration data is loaded from the external ICE in response to an ‘ON’ state transition
request in Development Mode, then the ICE_VALID_DATA field is checked to confirm valid ICE data.
The ICE data is deemed valid if the ICE_VALID_DATA field contains the value A596h. If the ICE is
not connected or contains invalid data, then the WM8310 remains in the OFF power state until a
Device Reset.
The ICE_VALID_DATA register is defined in Table 32.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30759 (7827h)
ICE CHECK
DATA
15:0
ICE_VALID_
DATA [15:0]
0000h
This field is checked in development
mode when an ‘ON’ transition is
requested. A value of A596h is required
to confirm valid data.
Table 32 ICE Registers - DCRW Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com