Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
38
11.6 ON PIN FUNCTION
The ON
¯¯ pin is intended for connection to the master power switch on the user’s application. It can be
used to start-up the WM8310 from the SLEEP or OFF states and also to power down the system.
This pin operates on the LDO12 (VPMIC) power domain and has an internal pull-up resistor. This pin
is asserted by shorting it to GND. A de-bounce circuit is provided on this input pin.
The behaviour of the ON
¯¯ pin is programmable. The primary action taken on asserting this pin is
determined by the ON_PIN_PRIMACT register field. Note that the ON_PIN_INT interrupt event is
always raised when the ON
¯¯ pin is asserted.
If the pin is held asserted for longer than the timeout period set by ON_PIN_TO, then a secondary
action is executed. The secondary action is determined by the ON_PIN_SECACT register field.
If the pin is held asserted for a further timeout period, then a tertiary action is executed. The tertiary
action is not programmable, and is to generate an OFF request.
An OFF request initiated by the ON
¯¯ pin may be masked during Battery Charging when the
CHG_OFF_MASK bit is set. This allows user-initiated OFF events to be disabled in order to maintain
the Battery Charger operation. See Section 17.7.2.
The status of the ON
¯¯ pin can be read at any time via the ON_PIN_STS register.
Note that the ON
¯¯ pin control registers are locked by the WM8310 User Key. These registers can only
be changed by writing the appropriate code to the Security register, as described in Section 12.4.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16389
(4005h) ON
Pin Control
9:8
ON_PIN_SECACT
01
Secondary action of ON
¯¯ pin (taken
after 1 timeout period)
00 = Interrupt
01 = ON request
10 = OFF request
11 = Reserved
Protected by user key
5:4
ON_PIN_PRIMACT
00
Primary action of ON
¯¯ pin
00 = Ignore
01 = ON request
10 = OFF request
11 = Reserved
Note that an Interrupt is always
raised.
Protected by user key
3
ON_PIN_STS
0
Current status of ON
¯¯ pin
0 = Asserted (logic 0)
1 = Not asserted (logic 1)
1:0
ON_PIN_TO
00
ON
¯¯ pin timeout period
00 = 1s
01 = 2s
10 = 4s
11 = 8s
Protected by user key
Table 5 ON Pin Control Registers
The ON
¯¯ pin interrupt event is always raised as part of the primary action when the ON
¯¯ pin is asserted.
The ON
¯¯ pin interrupt is a selectable option as the secondary action. The ON
¯¯ pin interrupt event is also
raised when the ON
¯¯ pin is de-asserted.
The ON
¯¯ pin interrupt event is indicated by the ON_PIN_CINT register field. This secondary interrupt
triggers a primary ON Pin Interrupt, ON_PIN_INT (see Section 23). This can be masked by setting the
mask bit as described in Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com