Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
62
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
If ICE is selected (OTP_MEM = 0):
00 = Page 2
01 = Page 3
10 = Page 4
11 = Reserved
Table 27 OTP Memory Control
14.5 OTP / ICE INTERRUPTS
The OTP and ICE memories are associated with two Interrupt event flags.
The OTP_CMD_END_EINT interrupt is set each time an OTP / ICE Command has completed or if
OTP Auto-Program has completed. (See Section 14.4 for a definition of the OTP and ICE
Commands. See Section 14.6.3 for details of the OTP Auto-Program function.)
The OTP_ERR_EINT interrupt is set when an OTP / ICE Error has occurred. The errors detected
include ICE Read Failure, OTP Verify Failure and attempted OTP Write to a page that has been
Finalised.
Each of these secondary interrupts triggers a primary OTP Memory Interrupt, OTP_INT (see
Section 23). This can be masked by setting the mask bit(s) as described in Table 70.
Note that OTP_CMD_END_EINT is triggered during the normal start-up and shutdown operations,
when the WM8310 accesses the OTP and/or ICE memories. For typical applications, it is
recommended that the OTP_CMD_END_EINT interrupt should be masked at all times except when
performing user-initiated OTP/DBE commands.
ADDRESS
BIT
LABEL
DESCRIPTION
R16402
(4012h)
Interrupt Status
2
5
OTP_CMD_END_EINT
OTP / ICE Command End interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
4
OTP_ERR_EINT
OTP / ICE Command Fail interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410
(401Ah)
Interrupt Status
2 Mask
5
IM_OTP_CMD_END_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
4
IM_OTP_ERR_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 28 OTP Memory Interrupts
14.6 DCRW MEMORY CONTENTS
The DCRW is the ICE/OTP Register Window, as described in Section 14.2. Under normal operating
conditions, this memory area is initialised with data from the integrated OTP or an external ICE
memory. The DCRW memory addresses range from R30720 (7800h) to R30759 (7827h). The
complete register map definition is described in Section 28.
The register fields in the DCRW allow the start-up configuration of the DC-DC Converters, the LDO
Regulators, GPIO pins 1-6 and Status LED outputs to be programmed. The DCRW also provides
control of the Battery Charger, Clocking, USB Current Limit and the Start-Up (SYSOK) voltage
threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com