Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
9
3
PIN DESCRIPTION
Notes:
1.
Pins are sorted by functional groups.
2.
The power domain associated with each pin is noted; VPMIC is the domain powered by LDO12 for the ‘always-on’
functions internal to the WM8310.
3.
Note that an external level-shifter may be required when interfacing between different power domains.
PIN
NAME
TYPE
POWER
DOMAIN
DESCRIPTION
Auxiliary ADC
J7
USBVMON
Analogue Input
USBVDD
USBVDD Supply Voltage Monitor
N5
SYSVMON
Analogue Input
SYSVDD
SYSVDD Supply Voltage Monitor
K8
BATTVMON
Analogue Input
BATTVDD
BATTVDD Supply Voltage Monitor
J9
AUXADCIN1
Analogue
Input/Output
SYSVDD
Auxiliary Analogue Input 1 /
Battery Charge Current Monitor Output
M13
AUXADCIN2
Analogue Input
Auxiliary Analogue Input 2
N13
AUXADCIN3
Analogue Input
Auxiliary Analogue Input 3
G5
AUXADCIN4
Analogue Input
DBVDD
Auxiliary Analogue Input 4
Clocking and Real Time Clock
M10
XTO
Analogue Output
VPMIC
Crystal Drive Output
L10
XTI
Analogue Input
Crystal Drive Input or 32.768kHz CMOS Clock Input
N12
XOSCGND
Supply
Crystal Oscillator Ground
L4
CLKOUT
Digital Output
DBVDD
CMOS Clock Output
Configurable Open Drain / CMOS mode. (External
4.7kΩ pull-up recommended in Open Drain mode.)
N4
CLKIN
Digital Input
CMOS FLL Clock Input
General Purpose Input / Output
E5
GPIO1
Digital I/O
DBVDD or
VPMIC
GPIO Pin 1
Selectable pull-up/pull-down.
D13
GPIO2
Digital I/O
GPIO Pin 2
Selectable pull-up/pull-down.
E6
GPIO3
Digital I/O
GPIO Pin 3
Selectable pull-up/pull-down.
F9
GPIO4
Digital I/O
DBVDD or
SYSVDD
GPIO Pin 4
Selectable pull-up/pull-down.
F7
GPIO5
Digital I/O
GPIO Pin 5
Selectable pull-up/pull-down.
F8
GPIO6
Digital I/O
GPIO Pin 6
Selectable pull-up/pull-down.
E7
GPIO7
Digital I/O
DBVDD or
VPMIC
GPIO Pin 7
Selectable pull-up/pull-down.
E8
GPIO8
Digital I/O
GPIO Pin 8
Selectable pull-up/pull-down.
E13
GPIO9
Digital I/O
GPIO Pin 9
Selectable pull-up/pull-down.
H12
GPIO10
Digital I/O
DBVDD or
SYSVDD
GPIO Pin 10
Selectable pull-up/pull-down.
G11
GPIO11
Digital I/O
GPIO Pin 11
Selectable pull-up/pull-down.
G10
GPIO12
Digital I/O
GPIO Pin 12
Selectable pull-up/pull-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com