Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 100 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 100 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 104Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
100
When the Current Sinks output drive is enabled or disabled using CS1_DRIVE or CS2_DRIVE, the
current ramps up or down at a programmable rate. The ramp durations are programmed using the
register bits defined in Section 16.2.3. If the current ramp is not required when switching off DC-DC4
and the Current Sinks, then the following switch-off sequence may be used:
Disable Boost Converter (DC4_ENA = 0)
Disable Current Sink and Current Drive (CSn_ENA = 0; CSn_DRIVE = 0)
When the Current Sinks are enabled, the status of each is indicated using the CSn_STS bits. If the
Current Sinks are unable to sink the demanded current (eg. if the power source is too low or if the
load is open circuit), then the respective CSn_STS bit will be set to 1. When the Current Sink circuit is
correctly regulated, then the respective CSn_STS bits are set to 0.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16462
(404Eh)
Current Sink 1
15
CS1_ENA
0
Current Sink 1 Enable (ISINK1 pin)
0 = Disabled
1 = Enabled
Note - this bit is reset to 0 when the OFF
power state is entered.
14
CS1_DRIVE
0
Current Sink 1 output drive enable
0 = Disabled
1 = Enabled
13
CS1_STS
0
Current Sink 1 status
0 = Normal
1 = Sink current cannot be regulated
12
CS1_SLPENA
0
Current Sink 1 SLEEP Enable
0 = Disabled
1 = Controlled by CS1_ENA
R16463
(404Fh)
Current Sink 2
15
CS2_ENA
0
Current Sink 2 Enable (ISINK2 pin)
0 = Disabled
1 = Enabled
Note - this bit is reset to 0 when the OFF
power state is entered.
14
CS2_DRIVE
0
Current Sink 2 output drive enable
0 = Disabled
1 = Enabled
13
CS2_STS
0
Current Sink 2 status
0 = Normal
1 = Sink current cannot be regulated
12
CS2_SLPENA
0
Current Sink 2 SLEEP Enable
0 = Disabled
1 = Controlled by CS2_ENA
Table 48 Enabling ISINK1 and ISINK2
16.2.2
PROGRAMMING THE SINK CURRENT
The sink currents for ISINK1 and ISINK2 can be independently programmed by writing to the
CS1_ISEL and CS2_ISEL register bits. The current steps are logarithmic to match the logarithmic
light sensitivity characteristic of the human eye. The step size is 1.51dB (i.e. the current doubles
every four steps).
Note that the maximum programmable sink current is 27.6mA. The maximum current that can be
supported by the DC-DC4 Boost Converter varies with the output voltage; the maximum ISINK current
that can be supported by the Boost Converter will depend upon the forward voltage required by the
current sink load(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com