Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
74
The DC-DC3 Buck Converter has a selectable overvoltage protection feature, controlled by
DC3_OVP. This affects the converter response when DC3 is enabled or when its output voltage is
increased. When the overvoltage protection is enabled, there is less overshoot in the output voltage,
but some oscillation may occur as the voltage settles. This function should only be enabled if steep
load transients are present on the output of DC-DC3 and if voltage overshoot is critical.
15.11 MONITORING AND FAULT REPORTING
Each of the DC-DC Converters (1 to 4) and LDOs (1 to 10) is monitored for voltage accuracy and fault
conditions. An undervoltage condition is detected if the voltage falls below the required level by more
than a pre-determined tolerance. If an undervoltage condition occurs, then this is indicated using the
corresponding status bit(s) defined in Section 15.12.6. An undervoltage condition also triggers an
Undervoltage Interrupt (see Section 15.13). Additional actions to shut down the converter or perform
a Device Reset may also be selected.
The Internal LDO (LDO13) is also monitored for voltage accuracy and fault conditions. An
undervoltage condition in LDO13 is indicated using the INTLDO_UV_STS bit. This undervoltage
condition also causes an OFF transition to be scheduled, as described in Section 11.3.
DC-DC Converters 1 and 2 are monitored for overvoltage conditions. An overvoltage condition is set if
the voltage is more than 100mV above the required level. If an overvoltage condition occurs, then this
is indicated using the corresponding status bit(s). Note that there is no Interrupt or other selectable
response to an overvoltage condition.
The current draw on DC-DC Converters 1 and 2 can be monitored against user-programmable
thresholds in order to detect a high current condition. This feature is enabled using
DCm_HC_IND_ENA and the current threshold is set using DCm_HC_THR. Note that the high current
threshold is not the same as the maximum current capability of the DC-DC Converters, but is set
according to the application requirements. If a high current condition occurs, then this is indicated
using the corresponding status bit(s). A high current condition also triggers a High Current Interrupt
(see Section 15.13).
15.12 POWER MANAGEMENT REGISTER DEFINITIONS
15.12.1 DC-DC CONVERTER AND LDO REGULATOR ENABLE
The Enable and Status register bits for the DC-DC Converters and LDO Regulators are defined in
Table 34.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16464 (4050h)
DCDC Enable
3:0
DCm_ENA
0
DC-DCm Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is indicated
in DCm_STS)
R16465 (4051h)
LDO Enable
10:0
LDOn_ENA
0
LDOn Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is indicated
in LDOn_STS)
R16466 (4052h)
DCDC Status
3:0
DCm_STS
0
DC-DCm Status
0 = Disabled
1 = Enabled
R16467 (4053h)
LDO Status
10:0
LDOn_STS
0
LDOn Status
0 = Disabled
1 = Enabled
Notes:
1.
n is a number between 1 and 11 that identifies the individual LDO Regulator.
2.
m is a number between 1 and 4 that identifies the individual DC-DC Converter.
Table 34 DC-DC Converter and LDO Regulator Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com