Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 277 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 277 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 273Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 274Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 275Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 276Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 277Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 278Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 279Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 280Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 281Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
277
30 APPLICATIONS INFORMATION
30.1 TYPICAL CONNECTIONS
WM8310
SCLK2
SDA2
2 wire I2C
Device ID 34h
SCLK1
SDA1
2 wire I2C
slave
SDOUT
GPIO12
GPIO11
GPIO10
GPIO9
GPIO8
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
PROGVDD
CPU_RTC
LDO1VOUT
LDO2VOUT
LDO3VOUT
LDO4VOUT
LDO5VOUT
LDO6VOUT
LDO7VOUT
LDO8VOUT
LDO9VOUT
LDO10VOUT
LDO11VOUT
Mobile TV
WiFi
HD Radio RF
CPU_IO_Block
CPU_OTG
CPU_ADC
CPU_PLL
CPU ALIVE
CIFMODE
/ CS
CLKOUT
CLKIN
HD Radio Core
32kHz IN
12.288MHz MCLK OUT
CPU_DAC
Configuration
data loaded
from internal
OTP
IREFR
VREFC
Backlight LED Supply
R1
R2
White LED
backlight
LDO13VOUT
LDO12VOUT
ISINKGND
DBGND
ISINK1
ISINK2
LDO1VDD
LDO2VDD
LDO3VDD
LDO4VDD
LDO5VDD
LDO9VDD
LDO10VDD
LDO6VDD
LDO7VDD
LDO8VDD
AUXADCIN1
AUXADCIN2
AUXADCIN3
AUXADCIN4
REFGND
DCDC3VOUT
SYSVDD
CC Sink
DCDC3VOUT
GND
PVDD
DBVDD
DCDC3VDD
DCDC2VDD
DCDC1VDD
USB
Power In
SingleCell
Li-ion
Battery
System
Power In
NTC
External voltage
measurement
inputs
General
Purpose
Input/Output
pins
Charger ON
LED2
Power status
LED1
SYSVDD
Memory NOR / DDR_SDRAM
CPU Internal Logic & Caches
CPU ARM Core
Backup Battery
Figure 33 WM8310 Typical Connections Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com