Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 136 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 136 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 140Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
136
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9:8
WDOG_SECA
CT
10
Secondary action of Watchdog timeout
(taken after 2 timeout periods)
00 = No action
01 = Interrupt
10 = Device Reset
11 = WAKE transition
Protected by user key
5:4
WDOG_PRIMA
CT
01
Primary action of Watchdog timeout
00 = No action
01 = Interrupt
10 = Device Reset
11 = WAKE transition
Protected by user key
2:0
WDOG_TO
[2:0]
111
Watchdog timeout period
000 = 0.256s
001 = 0.512s
010 = 1.024s
011 = 2.048s
100 = 4.096s
101 = 8.192s
110 = 16.384s
111 = 32.768s
Protected by user key
Table 79 Controlling the Watchdog Timer
The Watchdog timeout interrupt event is indicated by the WDOG_TO_EINT register field. This
secondary interrupt triggers a primary Watchdog Interrupt, WDOG_INT (see Section 23). This can be
masked by setting the mask bit as described in Table 80.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
11
WDOG_TO_EINT
Watchdog timeout interrupt.
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
11
IM_WDOG_TO_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 80 Watchdog Timer Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com