Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 138 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 138 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 142Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
138
27 VOLTAGE AND CURRENT REFERENCES
27.1 VOLTAGE REFERENCE (VREF)
The main voltage reference generated by the WM8326 is bonded to the VREFC pin. The accuracy of
this reference is optimised by factory-set trim registers.
The voltage reference (VREF) requires an external decoupling capacitor; a 100nF X5R capacitor is
recommended, as noted in Section 30.2. Omitting this capacitor will result in increased noise on the
voltage reference; this will particularly affect the analogue LDOs.
The voltage reference circuit includes a low-power mode, which enables power consumption to be
minimised where appropriate. The low-power reference mode may lead to increased noise on the
voltage reference; this mode should only be selected when minimum power consumption is more
important than voltage stability. Note that the Low Power Reference mode is not supported when the
Auxiliary ADC function is enabled.
The Low Power Reference mode is enabled when REF_LP register is set. The Low Power Reference
mode should only be enabled when the Auxiliary ADC is disabled. Enabling the Low Power Reference
mode will lead to a malfunction of the Auxiliary ADC function.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16387
(4003h)
12
REF_LP
0
Low Power Voltage Reference Control
0 = Normal
1 = Low Power Reference Mode select
Note that Low Power Reference Mode is
only supported when the Auxiliary ADC is
disabled.
Table 83 Low Power Voltage Reference Control
27.2 CURRENT REFERENCE (IREF)
The Power Management circuits of the WM8326 use an integrated current reference.
This current reference (IREF) requires the connection of an external resistor to the IREFR pin; a
100k
 (1%) resistor is recommended, as noted in Section 30.2. The WM8326 will malfunction if this
resistor is omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com