Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 151 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 151 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 155Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
151
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
8
OTP_READ
0
Selects READ command for the selected memory
page(s).
0 = No action
1 = Read Command
Protected by security key.
7:6
OTP_READ_L
VL [1:0]
00
Selects the Margin Level for READ or VERIFY OTP
commands.
00 = Normal
01 = Reserved
10 = Margin 1
11 = Margin 2
Protected by security key.
5
OTP_BULK
0
Selects the number of memory pages for ICE / OTP
commands.
0 = Single Page
1 = All Pages
1:0
OTP_PAGE
[1:0]
00
Selects the single memory page for ICE / OTP
commands (when OTP_BULK=0).
If OTP is selected (OTP_MEM = 1):
00 = Page 0
01 = Page 1
10 = Page 2
11 = Page 3
If ICE is selected (OTP_MEM = 0):
00 = Page 2
01 = Page 3
10 = Page 4
11 = Reserved
Register 400Ah OTP Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16396
(400Ch)
GPIO Level
11
GP12_LVL
0
GPIO12 level.
When GP12_FN = 0h and GP12_DIR = 0, write to this
bit to set a GPIO output.
Read from this bit to read GPIO input level.
When GP12_POL is 0, the register contains the
opposite logic level to the external pin.
10
GP11_LVL
0
GPIO11 level.
When GP11_FN = 0h and GP11_DIR = 0, write to this
bit to set a GPIO output.
Read from this bit to read GPIO input level.
When GP11_POL is 0, the register contains the
opposite logic level to the external pin.
9
GP10_LVL
0
GPIO10 level.
When GP10_FN = 0h and GP10_DIR = 0, write to this
bit to set a GPIO output.
Read from this bit to read GPIO input level.
When GP10_POL is 0, the register contains the
opposite logic level to the external pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com