Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 155 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 155 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 159Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
155
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Reset by state machine.
11
OFF_GPIO
0
Most recent OFF event type
0 = Not caused by GPIO input
1 = Caused by GPIO input
Reset by state machine.
10
OFF_PVDD
0
Most recent OFF event type
0 = Not caused by PVDD
1 = Caused by the SYSLO or SHUTDOWN threshold
Reset by state machine.
9
OFF_THERR
0
Most recent OFF event type
0 = Not caused by temperature
1 = Caused by over-temperature
Reset by state machine.
6
OFF_SW_REQ
0
Most recent OFF event type
0 = Not caused by software OFF
1 = Caused by software OFF command (CHIP_ON = 0)
Reset by state machine.
4
OFF_ON_PIN
0
Most recent OFF event type
0 = Not caused by the ON pin
1 = Caused by the ON pin
Reset by state machine.
Register 400Fh OFF Source
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16400
(4010h)
System
Interrupts
15
PS_INT
0
Power State primary interrupt
0 = No interrupt
1 = Interrupt is asserted
14
TEMP_INT
0
Thermal primary interrupt
0 = No interrupt
1 = Interrupt is asserted
13
GP_INT
0
GPIO primary interrupt
0 = No interrupt
1 = Interrupt is asserted
12
ON_PIN_INT
0
ON Pin primary interrupt
0 = No interrupt
1 = Interrupt is asserted
11
WDOG_INT
0
Watchdog primary interrupt
0 = No interrupt
1 = Interrupt is asserted
8
AUXADC_INT
0
AUXADC primary interrupt
0 = No interrupt
1 = Interrupt is asserted
7
PPM_INT
0
Power Path Management primary interrupt
0 = No interrupt
1 = Interrupt is asserted
5
RTC_INT
0
Real Time Clock and Crystal Oscillator primary interrupt
0 = No interrupt
1 = Interrupt is asserted
4
OTP_INT
0
OTP Memory primary interrupt
0 = No interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com