Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 153 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 153 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 157Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
153
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16397
(400Dh)
System
Status
15
THW_STS
0
Thermal Warning status
0 = Normal
1 = Overtemperature Warning
(warning temperature is set by THW_TEMP)
7
XTAL_OK
0
Crystal Oscillator Status
0 = Disabled or in start-up phase
1 = Enabled and verified
4:0
MAIN_STATE
[4:0]
0_0000
Main State Machine condition
0_0000 = OFF
0_0001 = ON_CHK
0_0010 = OTP_DN
0_0011 = READ_OTP
0_0100 = READ_ICE
0_0101 = ICE_DN
0_0110 = BGDELAY
0_0111 = HYST
0_1000 = S_PRG_RD_OTP
0_1001 = S_PRG_OTP_DN
0_1010 = PWRDN1
0_1011 = PROGRAM
0_1100 = PROG_DN
0_1101 = PROG_OTP
0_1110 = VFY_OTP
0_1111 = VFY_DN
1_0000 = SD_RD_OTP
1_0001 = UNUSED
1_0010 = ICE_FAIL
1_0011 = SHUTDOWN
1_0100 = STARTFAIL
1_0101 = STARTUP
1_0110 = PREACTIVE
1_0111 = XTAL_CHK
1_1000 = PWRDN2
1_1001 = SHUT_DLY
1_1010 = RESET
1_1011 = RESET_DLY
1_1100 = SLEEP
1_1101 = SLEEP_DLY
1_1110 = CHK_RST
1_1111 = ACTIVE (ON)
Register 400Dh System Status
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16398
(400Eh) ON
Source
15
ON_TRANS
0
Most recent ON/WAKE event type
0 = WAKE transition
1 = ON transition
Reset by state machine.
11
ON_GPIO
0
Most recent ON/WAKE event type
0 = Not caused by GPIO input
1 = Caused by GPIO input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com