Electronic Components Datasheet Search
  English  ▼

X  

RT9991 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9991
Description  Power Management IC for SSD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9991 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9991 Datasheet HTML 1Page - Richtek Technology Corporation RT9991 Datasheet HTML 2Page - Richtek Technology Corporation RT9991 Datasheet HTML 3Page - Richtek Technology Corporation RT9991 Datasheet HTML 4Page - Richtek Technology Corporation RT9991 Datasheet HTML 5Page - Richtek Technology Corporation RT9991 Datasheet HTML 6Page - Richtek Technology Corporation RT9991 Datasheet HTML 7Page - Richtek Technology Corporation RT9991 Datasheet HTML 8Page - Richtek Technology Corporation RT9991 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9991
4
DS9991-01 April 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
M ax
Unit
Buck Converter 1
Quiescent Current
IQ
No Load, No Switching
--
70
--
μA
Shutdown Current
ISHDN
EN = GND
--
0.2
--
μA
Feedback Reference Voltage
VFB
--
0.8
--
V
VIN Rising
--
2.1
--
UVLO Under Voltage Lockout
Threshold
VUVLO
Hysteresis
--
0.1
--
V
Logic-High
VIH
1.5
--
VIN
V
EN1 Threshold
Voltage
Logic-Low
VIL
--
--
0.4
V
Peak Current Limit
ILIM
1.3
1.7
--
A
Oscillator Frequency
fOSC
VIN = 3.6V, IOUT = 300mA
1.2
1.5
1.8
MHz
Start-Up Time
IOUT = 0mA. Time from active EN to
90% of VOUT
--
250
--
μs
P-MOSFET On Resistance
RDS(ON)_P VIN = VGS = 3.6V, PWM Mode
--
250
--
m
Ω
N-MOSFET On Resistance
RDS(ON)_N VIN = VGS = 3.6V, PWM Mode
--
260
--
m
Ω
BUCK CONVERTER 2
Quiescent Current
IQ
No Load, No Switching
--
70
--
μA
Shutdown Current
ISHDN
EN = GND
--
0.2
--
μA
Feedback Reference Voltage
VFB
--
0.8
--
V
(VIN = 5V, TA = 25
°C, unless otherwise specified)
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------- 2.8V to 5.5V
Junction Temperature Range -------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -----------------------------------------------------------------------------------------
−0.3V to 6.5V
LX Pin Voltage -------------------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
Other Pins Voltage -------------------------------------------------------------------------------------------------
−0.3V to 6.5V
Power Dissipation, PD @ TA = 25
°C
VQFN-32L 5x5 ------------------------------------------------------------------------------------------------------ 2.778W
Package Thermal Resistance (Note 2)
VQFN-32L 5x5,
θJA ------------------------------------------------------------------------------------------------- 36°C/W
VQFN-32L 5x5,
θJC ------------------------------------------------------------------------------------------------ 6°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------ 260
°C
Junction Temperature ---------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range -------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) --------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------------- 200V
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com