Electronic Components Datasheet Search
  English  ▼

X  

RT9991 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9991
Description  Power Management IC for SSD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9991 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9991 Datasheet HTML 6Page - Richtek Technology Corporation RT9991 Datasheet HTML 7Page - Richtek Technology Corporation RT9991 Datasheet HTML 8Page - Richtek Technology Corporation RT9991 Datasheet HTML 9Page - Richtek Technology Corporation RT9991 Datasheet HTML 10Page - Richtek Technology Corporation RT9991 Datasheet HTML 11Page - Richtek Technology Corporation RT9991 Datasheet HTML 12Page - Richtek Technology Corporation RT9991 Datasheet HTML 13Page - Richtek Technology Corporation RT9991 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT9991
10
DS9991-01 April 2011
www.richtek.com
LX
R1
R2
VOUT
FB
GND
RT9991
where VFB is the internal reference voltage 0.8V (typ.).
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
ΔILOAD (ESR), where ESR is the effective series
resistance of COUT.
ΔILOAD also begins to charge or
discharge COUT generating a feedback error signal used
by the regulator to return VOUT to its steady-state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing which would indicate a stability
problem.
Chip Enable Operation
If the EN pin for the selected buck is pulled high and the
input voltage is greater than the under voltage lockout
threshold, the selected buck will be turned on. Buck1
can be turned on/off by the external EN1 pin; Buck2 can
be turned on/off by the external EN2 pin; Buck3 can be
turned on/off by the external EN3 pin.
For adjustable voltage mode, the output voltage is set by
an external resistive divider according to the following
equation :
Output
Buck 1
Buck 2
Buck 3
State
ON
ON
ON
EN
VIN1 > EN1
> 1.5V
VIN1 > EN2
> 1.5V
VIN1 > EN3
> 1.5V
UVLO
5.5V > VIN1
> 2.1V
5.5V > VIN2
> 2.1V
5.5V > VIN3
> 2.4V
Default
Output
Voltage
OUT
FB
R1
V
V
1
R2
⎛⎞
=× +
⎜⎟
⎝⎠
VFB = 0.8V
Table 1. The RT9991 Power Terminology
Voltage Detector
RESET is an open drain output that indicates whether
the VDET voltage is higher than 0.7V or not. RESET is
typically pulled up to 3.3V. VDET monitors the input
voltage and triggers the RESET output (Figure 1).
RESET is high impedance when the voltage from VDET
exceeds the rising threshold 0.7V (typ.). RESET is low
when the voltage from VDET falls below the low-battery
falling threshold 0.68V (typ.) (Figure 2).
If the voltage detector feature is not required, connect
RESET to ground and connect VDET to VIN.
+
-
3.3V
RESET
0.7V
VDET
Figure 1. VDET and RESET Circuit
Figure 2. VDET and RESET Comparator Waveform
OUT
FB
R1
V
V
1
R2
⎛⎞
=× +
⎜⎟
⎝⎠
0.68V
0.7V
VDET
RESET
Delay
Choosing the Inductor
The RT9991 includes a current-reversal comparator which
monitors inductor current and disables the synchronous
rectifier as current approaches zero. This comparator will
minimize the effect of current reversal for higher efficiency.
For some low inductance values, however, the inductor
current may still reverse slightly. This value depends on
the speed of the comparator in relation to the slope of the
current waveform, given by VL / L. VL is the voltage across
the inductor (approximately
− VOUT) and L is the
inductance value.
An inductance value of 2.2
μH is a good starting value. As
the inductance is reduced from this value, the RT9991
will enter discontinuous conduction mode at progressively



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com