Electronic Components Datasheet Search
  English  ▼

X  

RT9991 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9991
Description  Power Management IC for SSD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9991 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9991 Datasheet HTML 1Page - Richtek Technology Corporation RT9991 Datasheet HTML 2Page - Richtek Technology Corporation RT9991 Datasheet HTML 3Page - Richtek Technology Corporation RT9991 Datasheet HTML 4Page - Richtek Technology Corporation RT9991 Datasheet HTML 5Page - Richtek Technology Corporation RT9991 Datasheet HTML 6Page - Richtek Technology Corporation RT9991 Datasheet HTML 7Page - Richtek Technology Corporation RT9991 Datasheet HTML 8Page - Richtek Technology Corporation RT9991 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT9991
3
DS9991-01 April 2011
www.richtek.com
Pin No.
Pin Name
Pin Function
1, 18, 19, 22, 23, 32,
33 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected
to GND for maximum power dissipation.
2, 3, 4
LX3
Buck Converter 3 Switch Output (inductor connection point).
5, 6
VIN3
Buck Converter 3 Power Supply Input.
7
EN3
Buck Converter 3 Chip Enable (Active High).
8
FB3
Buck Converter 3 Feedback Input.
9, 12, 29, 30, 31
NC
No Internal Connection.
10
RESET
Reset Output.
11
VDET
Threshold Voltage Detect Setting.
13
FB1
Buck Converter 1 Feedback Input.
14
EN1
Buck Converter 1 Chip Enable (Active High).
15, 20
VIN1
Buck Converter 1 Power Supply Input.
16, 17
LX1
Buck Converter 1 Switch Output (inductor connection point).
21, 26
VIN2
Buck Converter 2 Power Supply Input.
24, 25
LX2
Buck Converter 2 Switch Output (inductor connection point).
27
EN2
Buck Converter 2 Chip Enable (Active High).
28
FB2
Buck Converter 2 Feedback Input.
Functional Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com