Electronic Components Datasheet Search
  English  ▼

X  

RT9991 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9991
Description  Power Management IC for SSD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9991 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9991 Datasheet HTML 6Page - Richtek Technology Corporation RT9991 Datasheet HTML 7Page - Richtek Technology Corporation RT9991 Datasheet HTML 8Page - Richtek Technology Corporation RT9991 Datasheet HTML 9Page - Richtek Technology Corporation RT9991 Datasheet HTML 10Page - Richtek Technology Corporation RT9991 Datasheet HTML 11Page - Richtek Technology Corporation RT9991 Datasheet HTML 12Page - Richtek Technology Corporation RT9991 Datasheet HTML 13Page - Richtek Technology Corporation RT9991 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
RT9991
12
DS9991-01 April 2011
www.richtek.com
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of RT9991.
Place the input capacitor as close as possible to the
device pins (VIN and GND).
LX node is with high frequency voltage swing and should
be kept in a small area.
Connect feedback network behind the output capacitors.
Keep the switching area small. Place the feedback
components near the RT9991.
Connect all analog grounds to a common node and then
connect the common node to the power ground behind
the output capacitors.
Figure 3. Derating Curve for the RT9991 Package
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications of
the RT9991, the maximum junction temperature is 125
°C
and TA is the ambient temperature. The junction to ambient
thermal resistance,
θJA, is layout dependent. For VQFN-
32L 5x5 packages, the thermal resistance,
θJA , is 36°C/
W on a standard JEDEC 51-7 four-layer thermal test board.
The maximum power dissipation at TA = 25
°C can be
calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (36°C/W) = 2.778W for
VQFN-32L 5x5 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA . For the RT9991 package, the derating
curve in Figure 3 allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com