| Electronic Components Datasheet Search |
|
RT9991 Datasheet(PDF) 11 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT9991 Datasheet(HTML) 11 Page - Richtek Technology Corporation |
|
11 / 14 page ![]() RT9991 11 DS9991-01 April 2011 www.richtek.com higher loads. Ripple at VOUT will increase directly proportionally to the magnitude of inductor ripple. Transient response, however, will improve. A smaller inductor changes its current more quickly for a given voltage drive than a larger inductor, resulting in faster transient response. A larger inductor will reduce output ripple and current ripple, but at the expense of reduced transient performance and a physically larger inductor package size. For this reason a larger CVOUT will be required for larger inductor sizes. The input regulator has an instantaneous peak current clamp to prevent the inductor from saturating during transient load or start-up conditions. The clamp is designed so that it does not interfere with normal operation at high loads and reasonable inductor ripple. It is intended to prevent inductor current runaway in case of a shorted output. The DC winding resistance and AC core losses of the inductor will also affect efficiency, and therefore available output power. These effects are difficult to characterize and vary by application. Some inductors and capacitors that may be suitable for this application are listed in Table below : Length (mm) Width (mm) Height (mm) Inductance ( μH) RDC (m Ω) IDC (A) p/n Max. Max. Max. L Max. Max. Supplier VLF5012ST-1R0N2R5 5 4.8 1.2 1 50 3.3 VLF5014ST-2R2M2R3 5 4.8 1.4 2.2 73 3 VLF3010A-1 3 2.8 1 2.2 120 1 VLF3012A 3 2.8 1.2 2.2 100 1 VLS2010E 2.1 2.1 1 2.2 228 1 VLS2012E 2.1 2.1 1.2 2.2 153 1 TDK NR6045T1R0N 6 6 4.5 1 19 4.2 CB2016T2R2M 2.2 1.8 1.8 2.2 130 1 NR6020T2R2N 6 6 2 2.2 34 2.7 NR3015 3 3 1.5 2.2 60 1.48 TAIYO LPS4018 3.9 3.9 1.7 3.3 80 2.2 CoilCraft D53LC 5 5 3 3.3 34 2.26 DB318C 3.8 3.8 1.8 3.3 70 1.55 Toko WE-TPC Type M1 4.8 4.8 1.8 3.3 65 1.95 Wurth Table 2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |