Electronic Components Datasheet Search
  English  ▼

X  

RT9991 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9991
Description  Power Management IC for SSD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9991 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9991 Datasheet HTML 4Page - Richtek Technology Corporation RT9991 Datasheet HTML 5Page - Richtek Technology Corporation RT9991 Datasheet HTML 6Page - Richtek Technology Corporation RT9991 Datasheet HTML 7Page - Richtek Technology Corporation RT9991 Datasheet HTML 8Page - Richtek Technology Corporation RT9991 Datasheet HTML 9Page - Richtek Technology Corporation RT9991 Datasheet HTML 10Page - Richtek Technology Corporation RT9991 Datasheet HTML 11Page - Richtek Technology Corporation RT9991 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
RT9991
8
DS9991-01 April 2011
www.richtek.com
Buck2 Output Ripple
Time (500ns/Div)
VIN2 = 5V, ILOAD = 1A
VOUT2
(20mV/Div)
ILX2
(1A/Div)
VLX2
(5V/Div)
VIN3 = 5V, ILOAD = 1A
VOUT3
(20mV/Div)
ILX3
(1A/Div)
VLX3
(5V/Div)
Buck3 Output Ripple
Time (250ns/Div)
Buck1 Load Transient Response
Time (50
μs/Div)
ILOAD = 40mA to 0.7A
VBUCK1
(100mV/Div)
IOUT
(200mA/Div)
Buck2 Load Transient Response
Time (50
μs/Div)
VBUCK2
(100mV/Div)
IOUT
(200mA/Div)
ILOAD = 40mA to 0.7A
Buck1 Output Ripple
Time (500ns/Div)
VIN1 = 5V, ILOAD = 1A
VOUT1
(20mV/Div)
ILX1
(1A/Div)
VLX1
(5V/Div)
Buck3 Load Transient Response
Time (50
μs/Div)
ILOAD = 40mA to 2.5A
VBUCK3
(200mV/Div)
ILDO
(1A/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com