Electronic Components Datasheet Search
  English  ▼

X  

RT9991 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9991
Description  Power Management IC for SSD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9991 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9991 Datasheet HTML 1Page - Richtek Technology Corporation RT9991 Datasheet HTML 2Page - Richtek Technology Corporation RT9991 Datasheet HTML 3Page - Richtek Technology Corporation RT9991 Datasheet HTML 4Page - Richtek Technology Corporation RT9991 Datasheet HTML 5Page - Richtek Technology Corporation RT9991 Datasheet HTML 6Page - Richtek Technology Corporation RT9991 Datasheet HTML 7Page - Richtek Technology Corporation RT9991 Datasheet HTML 8Page - Richtek Technology Corporation RT9991 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT9991
5
DS9991-01 April 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN Rising
--
2.1
--
UVLO Under Voltage Lockout
threshold
VUVLO
Hysteresis
--
0.1
--
V
Logic-High
VIH
1.5
--
VIN
EN2 Threshold
Voltage
Logic-Low
VIL
--
--
0.4
V
Peak Current Limit
ILIM
1.3
1.7
--
A
Oscillator Frequency
fOSC
VIN = 3.6V, IOUT = 300mA
1.2
1.5
1.8
MHz
Start-Up Time
IOUT = 0mA Time from active EN to
90% of VOUT
--
250
--
μs
P-MOSFET On Resistance
RDS(ON)_P VIN = VGS = 3.6V, PWM Mode
--
250
--
m
Ω
N-MOSFET On Resistance
RDS(ON)_N VIN = VGS = 3.6V, PWM Mode
--
260
--
m
Ω
Buck Converter 3
Quiescent Current
IQ
No Load, No Switching
--
80
--
μA
Shutdown Current
ISHDN
EN = GND
--
0.2
--
μA
Feedback Reference Voltage
VFB
0.8
--
V
VIN Rising
--
2.4
--
UVLO Under Voltage Lockout
Threshold
VUVLO
Hysteresis
--
0.1
--
V
Logic-High
VIH
1.5
--
VIN
EN3 Threshold
Voltage
Logic-Low
VIL
--
--
0.4
V
Peak Current Limit
ILIM
3.5
3.9
--
A
Oscillator Frequency
fOSC
VIN = 3.6V, IOUT = 300mA
1.6
2
2.4
MHz
Start-Up Time
No Load. Time from active EN to
90% of VOUT
2000
--
--
μs
P-MOSFET On Resistance
RDS(ON)_P VIN = VGS = 3.6V, PWM Mode
--
110
--
m
Ω
N-MOSFET On Resistance
RDS(ON)_N VIN = VGS = 3.6V, PWM Mode
--
110
--
m
Ω
Voltage Detector
VIN Rising (L to H)
0.693
0.7
0.707
Voltage Detection Threshold
VIN Falling (H to L)
0.673
0.68
0.687
V
VDelay (L to H)
70
100
130
ms
Voltage Detection Delay Time
VDelay (H to L)
5
10
20
μs
Thermal Protections
Thermal Shutdown Threshold
TSD
--
160
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
25
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com