Electronic Components Datasheet Search
  English  ▼

X  

RT9991 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9991
Description  Power Management IC for SSD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9991 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9991 Datasheet HTML 5Page - Richtek Technology Corporation RT9991 Datasheet HTML 6Page - Richtek Technology Corporation RT9991 Datasheet HTML 7Page - Richtek Technology Corporation RT9991 Datasheet HTML 8Page - Richtek Technology Corporation RT9991 Datasheet HTML 9Page - Richtek Technology Corporation RT9991 Datasheet HTML 10Page - Richtek Technology Corporation RT9991 Datasheet HTML 11Page - Richtek Technology Corporation RT9991 Datasheet HTML 12Page - Richtek Technology Corporation RT9991 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT9991
9
DS9991-01 April 2011
www.richtek.com
Application Information
The basic RT9991 application circuit is shown in the section
Typical Application Circuit. External component selection
is determined by the maximum load current and begins
with the selection of the inductor value and operating
frequency followed by CIN and COUT.
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the ripple current. The
ripple current
ΔIL increases with higher VIN and decreases
with higher inductance, as shown in equation below :
where f is the operating frequency and L is the inductance.
Having a lower ripple current reduces not only the ESR
losses in the output capacitors, but also the output voltage
ripple. Higher operating frequency combined with smaller
ripple current is necessary to achieve high efficiency. This,
however, requires a large inductor.
A reasonable starting point for selecting the ripple current
is
ΔIL = 0.4I(MAX). The largest ripple current occurs at the
highest VIN. To guarantee that the ripple current stays
below a specified maximum, the inductor value should be
chosen according to the following equation :
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the high side MOSFET.
To prevent large ripple voltage, a low ESR input capacitor
sized for the maximum RMS current should be used. RMS
current is given by :
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT(MAX) / 2. Several capacitors may also be
paralleled to meet size or height requirements in the design.
The selection of COUT is determined by the Effective Series
Resistance (ESR) that is required to minimize voltage ripple
and load step transients, as well as the amount of bulk
capacitance that is necessary to ensure that the control
loop is stable. Loop stability can be checked by viewing
the load transient response as described in a later section.
The output ripple,
ΔVOUT, is determined by :
The output ripple is the highest at the maximum input
voltage since
ΔIL increases with input voltage. Multiple
capacitors placed in parallel may be needed to meet the
ESR and RMS current handling requirements. Dry
tantalum, special polymer, aluminum electrolytic and
ceramic capacitors are all available in surface mount
packages. Special polymer capacitors offer very low ESR,
but have lower capacitance density than other types.
Tantalum capacitors have the highest capacitance density,
but it is important to only use types that have been surge
tested for use in switching power supplies. Aluminum
electrolytic capacitors have significantly higher ESR, but
can be used in cost-sensitive applications provided that
consideration is given to ripple current ratings and long
term reliability. Ceramic capacitors have excellent low ESR
characteristics but can have a high voltage coefficient and
audible piezoelectric effects. The high Q of ceramic
capacitors with trace inductance can also lead to significant
ringing.
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at the input and
output. When a ceramic capacitor is used at the input
and the power is supplied by a wall adapter through long
wires, a load step at the output can induce ringing at the
input, VIN. At best, this ringing can couple to the output
and be mistakened as loop instability. At worst, a sudden
inrush of current through the long wires can potentially
cause a voltage spike at VIN large enough to damage the
part.
Output Voltage Programming
The resistive divider allows the FB pin to sense a fraction
of the output voltage as shown below
OUT
OUT
L
IN
VV
I1
fL
V
⎡⎤
⎡⎤
Δ=
× −
⎢⎥
⎢⎥
×
⎣⎦ ⎣⎦
OUT
OUT
L(MAX)
IN(MAX)
VV
L1
fI
V
⎡⎤ ⎡
⎤
=× −
⎢⎥ ⎢
⎥
×Δ
⎢⎥ ⎢
⎥
⎣⎦ ⎣
⎦
OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
II
1
VV
=×
×
−
OUT
L
OUT
1
VI
ESR
8fC
⎡⎤
Δ≤ Δ ×
+
⎢⎥
⎣⎦



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com