Electronic Components Datasheet Search
  English  ▼

X  

RT9991 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9991
Description  Power Management IC for SSD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9991 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9991 Datasheet HTML 3Page - Richtek Technology Corporation RT9991 Datasheet HTML 4Page - Richtek Technology Corporation RT9991 Datasheet HTML 5Page - Richtek Technology Corporation RT9991 Datasheet HTML 6Page - Richtek Technology Corporation RT9991 Datasheet HTML 7Page - Richtek Technology Corporation RT9991 Datasheet HTML 8Page - Richtek Technology Corporation RT9991 Datasheet HTML 9Page - Richtek Technology Corporation RT9991 Datasheet HTML 10Page - Richtek Technology Corporation RT9991 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT9991
7
DS9991-01 April 2011
www.richtek.com
Buck1 Output Accuracy vs. Load Current
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.001
0.01
0.1
1
Load Current (A)
Typical Operating Characteristics
Buck1 Efficiency vs. Load Current
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load Current (A)
VBUCK1 = 1.2V
VIN1 = 2.8V
VIN1 = 3.6V
VIN1 = 4.2V
VBUCK1 = 1.2V, VIN1 = 5V
0.6
0.4
0.2
0.0
-0.2
-0.4
-0.6
0.001
Buck2 Output Accuracy vs. Load Current
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.001
0.01
0.1
1
Load Current (V)
VBUCK2 = 1.8V, VIN2 = 5V
0.6
0.4
0.2
0.0
-0.2
-0.4
-0.6
0.001
Buck3 Output Accuracy vs. Load Current
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.001
0.01
0.1
1
10
Load Current (A)
VBUCK3 = 3.3V, VIN3 = 5V
0.6
0.4
0.2
0.0
-0.2
-0.4
-0.6
0.001
Buck2 Efficiency vs. Load Current
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load Current (A)
VBUCK2 = 1.8V
VIN2 = 2.8V
VIN2 = 3.6V
VIN2 = 4.2V
Buck 3 Efficiency vs. Load Current
30
40
50
60
70
80
90
100
110
0.01
0.1
1
10
Load Current (A)
VIN3 = 3.6V
VIN3 = 4.2V
VIN3 = 5V
VBUCK3 = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com