Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9250
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9250 Datasheet HTML 32Page - Analog Devices AD9250 Datasheet HTML 33Page - Analog Devices AD9250 Datasheet HTML 34Page - Analog Devices AD9250 Datasheet HTML 35Page - Analog Devices AD9250 Datasheet HTML 36Page - Analog Devices AD9250 Datasheet HTML 37Page - Analog Devices AD9250 Datasheet HTML 38Page - Analog Devices AD9250 Datasheet HTML 39Page - Analog Devices AD9250 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
AD9250
Data Sheet
Rev. 0 | Page 36 of 44
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 17 are not currently supported for this device.
Table 17. Memory Map Registers
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x00
Global SPI
config
0
LSB first
Soft reset
1
1
Soft reset
LSB first
0
0x18
0x01
CHIP ID
AD9250 8-bit CHIP ID is 0xB9
0xB9
Read
only
0x02
Chip info
Speed grade
00 = 250 MSPS
11 = 170 MSPS
Reserved for chip die revision currently
0x0
0x00
or 0x30
0x05
Channel
index
SPI write
to ADC B
path
SPI write to
ADC A path
0x03
0x08
PDWN
modes
External
PDWN
mode;
0 = PDWN
is full
power
down;
1 = PDWN
puts
device in
standby
JTX in
standby;
0 = 204B
core is
unaffected
in
standby;
1: 204B
core is
powered
down
except for
PLL during
standby
JESD204B power modes;
00 = normal mode
(power up);
01 = power-down mode:
PLL off, serializer off,
clocks stopped, digital
held in reset;
10 = standby mode: PLL
on, serializer off, clocks
stopped, digital held in
reset
Chip power modes;
00 = normal mode
(power up);
01 = power-down mode,
digital datapath clocks
disabled, digital
datapath held in reset;
most analog paths
powered off;
10 = standby mode;
digital datapath clocks
disabled, digital
datapath held in reset,
some analog paths
powered off
0x00
0x09
Global clock
Reserved
Clock selection:
00 = Nyquist clock
10 = RF clock divide by 4
11 = clock off
Clock duty
cycle
stabilizer
enable
0x01
DCS
enabled
if clock
divider
enabled
0x0A
PLL status
PLL locked
status
204B link is
ready
Read
only
0x0B
Global clock
divider
Clock divide phase relative to the
encode clock;
0x0 = 0 input clock cycles delayed;
0x1 = 1 input clock cycles delayed;
0x2 = 2 input clock cycles delayed;
…..
0x7 = 7 input clock cycles delayed
Clock divider ratio relative to the
encode clock;
0x00 = divide by 1;
0x01 = divide by 2;
0x02 = divide by 3;
…..
0x7 = divide by 8;
using a CLKDIV_DIVIDE_RATIO > 0
(Divide Ratio > 1) causes the DCS to be
automatically enabled
0x00
0x0D
Test control
reg
User test mode cycle;
00 = repeat pattern
(user pattern 1, 2, 3, 4, 1,
2, 3, 4, 1, …);
10 = single pattern (user
pattern 1, 2, 3, 4, then all
zeros)
Long
psuedo
random
number
generator
reset;
0 = long
PRN
enabled;
1 = long
PRN held
in reset
Short
psuedo
random
number
generator
reset;
0 = short
PRN
enabled;
1 = short
PRN held
in reset
Data output test generation mode;
0000 = off (normal mode);
0001 = midscale short;
0010 = positive Full scale;
0011 = negative full scale;
0100 = alternating checker board;
0101 = PN sequence long;
0110 = PN sequence short;
0111 = 1/0 word toggle;
1000 = user test mode (use with Register 0x0D, Bit[7]
and user pattern 1, 2, 3, 4);
1001 to 1110 = unused;
1111 = ramp output
0x00
0x0E
BIST test
Reset BIST
BIST enable
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com