Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9250
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9250 Datasheet HTML 20Page - Analog Devices AD9250 Datasheet HTML 21Page - Analog Devices AD9250 Datasheet HTML 22Page - Analog Devices AD9250 Datasheet HTML 23Page - Analog Devices AD9250 Datasheet HTML 24Page - Analog Devices AD9250 Datasheet HTML 25Page - Analog Devices AD9250 Datasheet HTML 26Page - Analog Devices AD9250 Datasheet HTML 27Page - Analog Devices AD9250 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
AD9250
Data Sheet
Rev. 0 | Page 24 of 44
JESD204B Synchronization Details
The AD9250 is a JESD204B Subclass 1 device and establishes
synchronization of the link through two control signals, SYSREF
and SYNC, and typically a common device clock. SYSREF and
SYNC are common to all converter devices for alignment purposes
at the system level.
The synchronization process is accomplished over three phases:
code group synchronization (CGS), initial lane alignment sequence
(ILAS), and data transmission. If scrambling is enabled, the bits are
not actually scrambled until the data transmission phase, and
the CGS phase and ILAS phase do not use scrambling.
CGS Phase
In the CGS phase, the JESD204B transmit block transmits
/K28.5/ characters. The receiver (external logic device) must
locate K28.5 characters in its input data stream using clock and
data recovery (CDR) techniques.
Once a certain number of consecutive K28.5 characters have been
detected on the link lanes, the receiver initiates a SYSREF edge
so that the AD9250 transmit data establishes a local multiframe
clock (LMFC) internally.
The SYSREF edge also resets any sampling edges within the
ADC to align sampling instances to the LMFC. This is important
to maintain synchronization across multiple devices.
The receiver or logic device de-asserts the SYNC~ signal
(SYNCINB±), and the transmitter block begins the ILAS phase.
ILAS Phase
In the ILAS phase, the transmitter sends out a known pattern,
and the receiver aligns all lanes of the link and verifies the
parameters of the link.
The ILAS phase begins after SYNC~ has been de-asserted (goes
high). The transmit block begins to transmit four multiframes.
Dummy samples are inserted between the required characters
so that full multiframes are transmitted. The four multiframes
include the following:
•
Multiframe 1: Begins with an /R/ character [K28.0] and
ends with an /A/ character [K28.3].
•
Multiframe 2: Begins with an /R/ character followed by a /Q/
[K28.4] character, followed by link configuration parameters
over 14 configuration octets (see Table 10), and ends with
an /A/ character.
•
Multiframe 3: Is the same as Multiframe 1.
•
Multiframe 4: Is the same as Multiframe 1.
Data Transmission Phase
In the data transmission phase, frame alignment is monitored
with control characters. Character replacement is used at the
end of frames. Character replacement in the transmitter occurs
in the following instances:
•
If scrambling is disabled and the last octet of the frame or
multiframe equals the octet value of the previous frame.
•
If scrambling is enabled and the last octet of the multiframe is
equal to 0x7C, or the last octet of a frame is equal to 0xFC.
Table 10. Fourteen Configuration Octets of the ILAS Phase
No.
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
0
DID[7:0]
1
BID[3:0]
2
LID[4:0]
3
SCR
L[4:0]
4
F[7:0]
5
K[4:0]
6
M[7:0]
7
CS[1:0]
N[4:0]
8
SUBCLASS[2:0]
N’[4:0]
9
JESDV[2:0]
S[4:0]
10
CF[4:0]
11
Reserved, Don’t Care
12
Reserved, Don’t Care
13
FCHK[7:0]
Link Setup Parameters
The following demonstrates how to configure the AD9250
JESD204B interface. The steps to configure the output include
the following:
1. Disable lanes before changing configuration
2. Select quick configuration option
3. Configure detailed options
4. Check FCHK, checksum of JESD204B interface parameters
5. Set additional digital output configuration options
6. Re-enable lane(s)
Disable Lanes Before Changing Configuration
Before modifying the JESD204B link parameters, disable the link
and hold it in reset. This is accomplished by writing Logic 1 to
Register 0x5F, Bit[0].
Select Quick Configuration Option
Write to Register 0x5E, the 204B quick configuration register to
select the configuration options. See Table 13 for configuration
options and resulting JESD204B parameter values.
•
0x11 = one converter, one lane
•
0x12 = one converter, two lanes
•
0x21 = two converters, one lane
•
0x22 = two converters, two lanes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com