Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9250
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9250 Datasheet HTML 11Page - Analog Devices AD9250 Datasheet HTML 12Page - Analog Devices AD9250 Datasheet HTML 13Page - Analog Devices AD9250 Datasheet HTML 14Page - Analog Devices AD9250 Datasheet HTML 15Page - Analog Devices AD9250 Datasheet HTML 16Page - Analog Devices AD9250 Datasheet HTML 17Page - Analog Devices AD9250 Datasheet HTML 18Page - Analog Devices AD9250 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Data Sheet
AD9250
Rev. 0 | Page 15 of 44
0
50
100
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
fIN: 185.1MHz
fS: 250MSPS
SNR: 70.7dBFS
SFDR: 85dBc
Figure 17. AD9250-250 Single-Tone FFT with fIN = 185.1 MHz
0
50
100
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
fIN: 305.1MHz
fS: 250MSPS
SNR: 69.1dBFS
SFDR: 82dBc
Figure 18. AD9250-250 Single-Tone FFT with fIN = 305.1 MHz
0
20
40
60
80
100
120
–100
–80
–60
–40
–20
0
SNR (dBc)
SFDR (dBc)
SNR (dBFS)
SFDR (dBFS)
AIN (dBFS)
Figure 19. AD9250-250 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 185.1 MHz
60
70
80
90
100
0
100
200
300
SNR (dBc)
SFDR (dBFS)
FREQUENCY (MHz)
Figure 20. AD9250-250 Single-Tone SNR/SFDR vs. Input Frequency (fIN)
–120
–100
–80
–60
–40
–20
0
–100
–80
–60
–40
–20
0
SFDR (dBFS)
SFDR (dBc)
IMD (dBc)
AIN (dBFS)
IMD (dBFS)
Figure 21. AD9250-250 Two-Tone SFDR/IMD vs. Input Amplitude (AIN)
with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz, fS = 250 MSPS
–120
–100
–80
–60
–40
–20
0
–100
–80
–60
–40
–20
0
SFDR (dBc)
IMD (dBc)
IMD (dBFS)
SFDR (dBFS)
INPUT AMPLITUDE (dBFS)
Figure 22. AD9250-250 Two-Tone SFDR/IMD vs. Input Amplitude (AIN)
with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz, fS = 250 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com