Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9250
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9250 Datasheet HTML 27Page - Analog Devices AD9250 Datasheet HTML 28Page - Analog Devices AD9250 Datasheet HTML 29Page - Analog Devices AD9250 Datasheet HTML 30Page - Analog Devices AD9250 Datasheet HTML 31Page - Analog Devices AD9250 Datasheet HTML 32Page - Analog Devices AD9250 Datasheet HTML 33Page - Analog Devices AD9250 Datasheet HTML 34Page - Analog Devices AD9250 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Data Sheet
AD9250
Rev. 0 | Page 31 of 44
DC CORRECTION
Because the dc offset of the ADC may be significantly larger than
the signal being measured, a dc correction circuit is included to
null the dc offset before measuring the power. The dc correction
circuit can also be switched into the main signal path; however,
this may not be appropriate if the ADC is digitizing a time-varying
signal with significant dc content, such as GSM.
DC CORRECTION BANDWIDTH
The dc correction circuit is a high-pass filter with a programmable
bandwidth (ranging between 0.29 Hz and 2.387 kHz at
245.76 MSPS). The bandwidth is controlled by writing to
the 4-bit dc correction bandwidth select register, located at
Register 0x40, Bits[5:2]. The following equation can be used to
compute the bandwidth value for the dc correction circuit:
DC_Corr_BW = 2−k−14 × fCLK/(2 × π)
where:
k is the 4-bit value programmed in Bits[5:2] of Register 0x40
(values between 0 and 13 are valid for k).
fCLK is the AD9250 ADC sample rate in hertz.
DC CORRECTION READBACK
The current dc correction value can be read back in Register 0x41
and Register 0x42 for each channel. The dc correction value is a
16-bit value that can span the entire input range of the ADC.
DC CORRECTION FREEZE
Setting Bit 6 of Register 0x40 freezes the dc correction at its
current state and continues to use the last updated value as the
dc correction value. Clearing this bit restarts dc correction and
adds the currently calculated value to the data.
DC CORRECTION (DCC) ENABLE BITS
Setting Bit 1 of Register 0x40 enables dc correction for use in
the output data signal path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com