Electronic Components Datasheet Search
  English  ▼

X  

AD9250 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9250
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9250 Datasheet HTML 22Page - Analog Devices AD9250 Datasheet HTML 23Page - Analog Devices AD9250 Datasheet HTML 24Page - Analog Devices AD9250 Datasheet HTML 25Page - Analog Devices AD9250 Datasheet HTML 26Page - Analog Devices AD9250 Datasheet HTML 27Page - Analog Devices AD9250 Datasheet HTML 28Page - Analog Devices AD9250 Datasheet HTML 29Page - Analog Devices AD9250 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
AD9250
Data Sheet
Rev. 0 | Page 26 of 44
Check FCHK, Checksum of JESD204B Interface Parameters
The JESD204B parameters can be verified through the checksum
value [FCHK] of the JESD204B interface parameters. Each lane has
a FCHK value associated with it. The FCHK value is transmitted
during the ILAS second multiframe and can be read from the
internal registers.
The checksum value is the modulo 256 sum of the parameters
listed in the No. column of Table 12. The checksum is calculated
by adding the parameter fields before they are packed into the
octets shown in Table 12.
The FCHK for the lane configuration for data coming out of
Lane 0 can be read from Register 0x79. Similarly, the FCHK for
the lane configuration for data coming out of Lane 1 can be read
from Register 0x7A.
Table 12. JESD204B Configuration Table Used in ILAS and
CHKSUM Calculation
No.
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
0
DID[7:0]
1
BID[3:0]
2
LID[4:0]
3
SCR
L[4:0]
4
F[7:0]
5
K[4:0]
6
M[7:0]
7
CS[1:0]
N[4:0]
8
SUBCLASS[2:0]
N’[4:0]
9
JESDV[2:0]
S[4:0]
10
CF[4:0]
Additional Digital Output Configuration Options
Other data format controls include the following:
•
Invert polarity of serial output data: Register 0x60, Bit[1]
•
ADC data format (offset binary or twos complement):
Register 0x14, Bits[1:0]
•
Options for interpreting single on SYSREF± and SYNCINB±:
Register 0x3A
•
Option to remap converter and lane assignments, Register 0x82
and Register 0x83. See Figure 50 for simplified block diagram.
Re-Enable Lanes After Configuration
After modifying the JESD204B link parameters, enable the link so
that the synchronization process can begin. This is accomplished
by writing Logic 0 to Register 0x5F, Bit[0].
CONVERTER A
CONVERTER B
CONVERTER B
INPUT
CONVERTER A
INPUT
SYSREF
SYNCINB
CONVERTER B
SAMPLE
CONVERTER A
SAMPLE
AD9250 DUAL ADC
LANE 0
LANE 1
SERDOUT0
SERDOUT1
LANE 1
LANE 0
A
A
B
B
PRIMARY CONVERTER
INPUT [0]
PRIMARY LANE
OUTPUT [0]
PRIMARY CONVERTER
INPUT [0]
PRIMARY LANE
OUTPUT [0]
JESD204B LANE CONTROL
(M = 1, 2; L = 1, 2)
LANE MUX
(SPI REGISTER
MAPPING: 0x82,0x83)
SECONDARY CONVERTER
INPUT [1]
SECONDARY LANE
OUTPUT [1]
SECONDARY CONVERTER
INPUT [1]
SECONDARY LANE
OUTPUT [1]
JESD204B LANE CONTROL
(M = 1, 2; L = 1, 2)
Figure 50. AD9250 Transmit Link Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com