Electronic Components Datasheet Search
  English  ▼

X  

AD7866 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7866
Description  Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7866 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7866 Datasheet HTML 2Page - Analog Devices AD7866 Datasheet HTML 3Page - Analog Devices AD7866 Datasheet HTML 4Page - Analog Devices AD7866 Datasheet HTML 5Page - Analog Devices AD7866 Datasheet HTML 6Page - Analog Devices AD7866 Datasheet HTML 7Page - Analog Devices AD7866 Datasheet HTML 8Page - Analog Devices AD7866 Datasheet HTML 9Page - Analog Devices AD7866 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
AD7866
–6–
PIN FUNCTION DESCRIPTIONS (continued)
Pin No.
Mnemonic
Function
11
RANGE
Analog Input Range and Output Coding Selection Pin. Logic Input. The polarity on this pin will
determine what input range the analog input channels on the AD7866 will have, and it will also
select what type of output coding the ADC will use for the conversion result. On the falling edge of
CS, the polarity of this pin is checked to determine the analog input range of the next conversion. If
this pin is tied to a logic low, the analog input range is 0 V to VREF and the output coding from the
part will be straight binary (for the next conversion). If this pin is tied to a logic high when
CS goes
low, the analog input range is 2
× VREF and the output coding for the part will be two’s complement.
However, if after the falling edge of
CS the logic level of the RANGE pin has changed upon the eighth
SCLK falling edge, the output coding will change to the other option without any change in the
analog input range. (See Analog Input and ADC Transfer Function sections.)
12
AVDD
Analog Supply Voltage, 2.7 V to 5.25 V. This is the only supply voltage for all analog circuitry on
the AD7866. The AVDD and DVDD voltages should ideally be at the same potential and must not
be more than 0.3 V apart even on a transient basis. This supply should be decoupled to AGND.
13
DVDD
Digital Supply Voltage, 2.7 V to 5.25 V. This is the supply voltage for all digital circuitry on the
AD7866. The DVDD and AVDD voltages should ideally be at the same potential and must not be
more than 0.3 V apart even on a transient basis. This supply should be decoupled to DGND.
14
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7866. The
DGND and AGND voltages should ideally be at the same potential and must not be more than
0.3 V apart even on a transient basis.
15, 16
DOUTA, DOUTB
Serial Data Outputs. The data output is supplied to this pin as a serial data stream. The bits are
clocked out on the falling edge of the SCLK input. The data appears on both pins simultaneously
from the simultaneous conversions of both ADCs. The data stream consists of one leading zero
followed by three STATUS bits, followed by the 12 bits of conversion data. The data is provided
MSB first. If
CS is held low for a further 16 SCLK cycles after the conversion data has been output
on either DOUTA or DOUTB, the data from the other ADC follows on the DOUT pin. This allows
data from a simultaneous conversion on both ADCs to be gathered in serial format on either DOUTA
or DOUTB alone using only one serial port. See Serial Interface section.
17
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines what voltage the interface
will operate at. This pin should be decoupled to DGND.
18
SCLK
Serial Clock. Logic Input. A serial clock input provides the SCLK for accessing the data from the
AD7866. This clock is also used as the clock source for the conversion process.
19
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions
on the AD7866 and also frames the serial data transfer.
20
A0
Multiplexer Select. Logic Input. This input is used to select the pair of channels to be converted
simultaneously, i.e. Channel 1 of both ADC A and ADC B, or Channel 2 of both ADC A and
ADC B. The logic state of this pin is checked upon the falling edge of
CS and the multiplexer is set
up for the next conversion. If it is low, the following conversion will be performed on Channel 1 of
each ADC; if it is high, the following conversion will be performed on Channel 2 of each ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com