Electronic Components Datasheet Search
  English  ▼

X  

AD7866 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7866
Description  Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7866 Datasheet(HTML) 1 Page - Analog Devices

  AD7866 Datasheet HTML 1Page - Analog Devices AD7866 Datasheet HTML 2Page - Analog Devices AD7866 Datasheet HTML 3Page - Analog Devices AD7866 Datasheet HTML 4Page - Analog Devices AD7866 Datasheet HTML 5Page - Analog Devices AD7866 Datasheet HTML 6Page - Analog Devices AD7866 Datasheet HTML 7Page - Analog Devices AD7866 Datasheet HTML 8Page - Analog Devices AD7866 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD7866
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Dual 1 MSPS, 12-Bit, 2-Channel
SAR ADC with Serial Interface
FUNCTIONAL BLOCK DIAGRAM
VA2
VA1
DGND
DOUTA
REF SELECT
VREF
A0
12-BIT
SUCCESSIVE-
APPROXIMATION
ADC
AD7866
2.5V
REF
T/H
MUX
BUF
OUTPUT
DRIVERS
RANGE
SCLK
CS
CONTROL
LOGIC
VB2
VB1
DOUTB
12-BIT
SUCCESSIVE-
APPROXIMATION
ADC
T/H
MUX
OUTPUT
DRIVERS
BUF
DCAPAAVDD
DVDD
DCAPB
AGND
AGND
VDRIVE
FEATURES
Dual 12-Bit, 2-Channel ADC
Fast Throughput Rate
1 MSPS
Specified for VDD of 2.7 V to 5.25 V
Low Power
11.4 mW Max at 1 MSPS with 3 V Supplies
24 mW Max at 1 MSPS with 5 V Supplies
Wide Input Bandwidth
70 dB SNR at 300 kHz Input Frequency
Onboard Reference 2.5 V
Flexible Power/Throughput Rate Management
Simultaneous Conversion/Read
No Pipeline Delays
High-Speed Serial Interface SPITM/QSPITM/
MICROWIRETM/DSP Compatible
Shut-Down Mode
1
A Max
20-Lead TSSOP Package
GENERAL DESCRIPTION
The AD7866 is a dual 12-bit high-speed, low power, successive-
approximation ADC. The part operates from a single 2.7 V to 5.25 V
power supply and features throughput rates up to 1 MSPS. The
device contains two ADCs, each preceded by a low-noise, wide
bandwidth track/hold amplifier which can handle input frequencies
in excess of 10 MHz.
The conversion process and data acquisition are controlled
using standard control inputs allowing easy interfacing to
microprocessors or DSPs. The input signal is sampled on the
falling edge of
CS and conversion is also initiated at this point.
The conversion time is determined by the SCLK frequency.
There are no pipelined delays associated with the part.
The AD7866 uses advanced design techniques to achieve very low
power dissipation at high throughput rates. With 3 V supplies
and 1 MSPS throughput rate, the part consumes a maximum of
3.8 mA. With 5 V supplies and 1 MSPS, the current consumption
is a maximum of 4.8 mA. The part also offers flexible power/
throughput rate management when operating in sleep mode.
The analog input range for the part can be selected to be a 0 V
to VREF range or a 2
× VREF range with either straight binary or
two’s complement output coding. The AD7866 has an
on-chip 2.5 V reference which can be overdriven if an external
reference is preferred. Each on-board ADC can also be supplied
with a separate individual external reference.
The AD7866 is available in a 20-lead thin shrink small outline
(TSSOP) package.
PRODUCT HIGHLIGHTS
1. The AD7866 features two complete ADC functions allowing
simultaneous sampling and conversion of two channels. Each
ADC has a 2-channel input multiplexer. The conversion
result of both channels is available simultaneously on separate
data lines, or both may be taken on one data line if only one
serial port is available.
2. High Throughput with Low Power Consumption—The
AD7866 offers a 1 MSPS throughput rate with 11.4 mW
maximum power consumption when operating at 3 V.
3. Flexible Power/Throughput Rate Management—The
conversion rate is determined by the serial clock allowing
the power consumption to be reduced as the conversion time
is reduced through a SCLK frequency increase. Power
efficiency can be maximized at lower throughput rates if the
part enters sleep during conversions.
4. No Pipeline Delay—The part features two standard successive-
approximation ADCs with accurate control of the sampling
instant via a
CS input and once off conversion control.
SPI and QSPI are trademarks of Motorola Inc.
MICROWIRE is a trademark of National Semiconductor Corporation.


Similar Part No. - AD7866

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7866 AD-AD7866 Datasheet
847Kb / 13P
Customer supplied 6 V to 12 V bench supply
Rev. 0
AD7866 AD-AD7866 Datasheet
430Kb / 25P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
23-Feb-2017
AD7866ARU AD-AD7866ARU Datasheet
585Kb / 24P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866ARU AD-AD7866ARU Datasheet
430Kb / 25P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
23-Feb-2017
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
More results

Similar Description - AD7866

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7265 AD-AD7265 Datasheet
706Kb / 16P
Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
1 MSPS, Serial 14-Bit SAR ADC
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7485 AD-AD7485 Datasheet
812Kb / 15P
1 MSPS, Serial 14-Bit SAR ADC
23-Feb-2017
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
23-Feb-2017
AD4630-24 AD-AD4630-24 Datasheet
2Mb / 49P
24-Bit, 2 MSPS, Dual Channel SAR ADC
11/2021-Revision 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com