Electronic Components Datasheet Search
  English  ▼

X  

AD7866 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7866
Description  Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7866 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7866 Datasheet HTML 5Page - Analog Devices AD7866 Datasheet HTML 6Page - Analog Devices AD7866 Datasheet HTML 7Page - Analog Devices AD7866 Datasheet HTML 8Page - Analog Devices AD7866 Datasheet HTML 9Page - Analog Devices AD7866 Datasheet HTML 10Page - Analog Devices AD7866 Datasheet HTML 11Page - Analog Devices AD7866 Datasheet HTML 12Page - Analog Devices AD7866 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD7866
–9–
AVDD RIPPLE FREQUENCY – Hz
0
–100
1k
10k
–90
–80
–70
–60
–50
–40
–30
–20
–10
100k
1M
100mV p-p SINEWAVE ON AVDD
2.5V EXT REFERENCE ON VREF
TA = 25 C
VDD = 2.7V
VDD = 3.6V
TPC 4a. PSRR vs. Supply Ripple Frequency,
with Supply Decoupling
AVDD RIPPLE FREQUENCY – Hz
0
–100
1k
10k
–90
–80
–70
–60
–50
–40
–30
–20
–10
100k
1M
100mV p-p SINEWAVE ON AVDD
2.5V EXT REFERENCE ON DCAPA, DCAPB
TA = 25 C
VDD = 2.7V
VDD = 4.75V
VDD = 3.6V
TPC 4b. PSRR vs. Supply Ripple Frequency,
with Supply Decoupling
ADC – Code
1.0
0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
500
1000
1500
2000
2500
3000
3500
4000
TPC 5. DC DNL Plot
ADC – Code
1.0
0
0.0
0.8
0.6
0.4
0.2
–0.2
–0.4
–0.6
–0.8
–1.0
500
1000
1500
2000
2500
3000
3500
4000
TPC 6. DC INL Plot
INPUT FREQUENCY – Hz
–60
10k
–65
–70
–75
–80
–85
–90
100k
1000k
TA = 25 C
VDD = 4.75V
RIN = 100
RIN = 50
RIN = 10
TPC 7. THD vs. Analog Input Frequency
for Various Source Impedances
INPUT FREQUENCY – Hz
–70
10k
–72
–74
–76
–78
–80
–82
100k
1000k
TA = 25 C
–84
–86
–88
–90
VDD = VDRIVE = 2.7V
VDD = VDRIVE = 3.6V
VDD = VDRIVE = 4.75V
VDD = VDRIVE = 5.25V
TPC 8. THD vs. Analog Input Frequency
for Various Supply Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com